Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

685MABA04KH Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 685MABA04KH
Description  AC/Motor Run Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

685MABA04KH Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  685MABA04KH Datasheet HTML 1Page - Illinois Capacitor, Inc. 685MABA04KH Datasheet HTML 2Page - Illinois Capacitor, Inc. 685MABA04KH Datasheet HTML 3Page - Illinois Capacitor, Inc. 685MABA04KH Datasheet HTML 4Page - Illinois Capacitor, Inc. 685MABA04KH Datasheet HTML 5Page - Illinois Capacitor, Inc. 685MABA04KH Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
183
®
L
S
d
26.5
32
39.5
42.5
22.5
27.5
35
37.5
0.8
0.8
0.8
1.0
L
Long leads (L)
Insulated leads (C,M)*
Stranded insulated
Tinned copper wire
MAB
AC/Motor Run
Film
Capacitor
APPROVAL CODES
Voltage
WVDC/SVDC
VAC
Agency
Description
Approval
Code
(50/60 Hz)
Standard
Classification
A04
UL 810/CSA 22.2
Construction only (E192977)/190-M-1985
A04
350/425
160
10,000 hrs. Continuous Service
Class B
A04
200
1000 hrs. Continuous Service
Class D
A03
Construction only (E192977)/190-M-1985
A03
475/550
250
10,000 hrs. Continuous Service
Class B
A03
320
1000 hrs. Continuous Service
Class D
A02
UL 810/CSA 22.2
Construction only (E192977)/190-M-1985
A02
575/680
320
EN 60252-1
30,000 hrs Continuous service
Class A
A02
400
EN 60252-1
10,000 hrs Continuous service
Class B
A02
430
EN 60252-1
1000 hrs Continuous service
Class D
A01
432
EN 60252-1
10,000 hrs Continuous service
Class B
A01
400
EN 60252-1
30,000 hrs Continuous service
Class A
A01
775/925
500
EN 60252-1
3000 hrs Continuous service
Class C
A01
UL 810/CSA 22.2
Construction only (E192977)/190-M-1985
A05
UL 810/CSA 22.2
Construction only (E192977)/190-M-1985
A05
1150/1350
600
3000 hrs Continuous service
Class C
A05
500
10,000 hrs Continuous service
Class B
Terminal Style Selection
S
L
C
M
Solid tinned copper leads
Solid tinned copper leads
Insulated solid tinned copper leads
5mm ± 1mm
30mm ± 5mm
Customer Specified
Customer Specified
P±0.4
Style S
Style L
Style C, M*
B
d
Dimensions in mm
Short leads (S)
*Not available for Case Sizes <26.5x18.5x10


Similar Part No. - 685MABA04KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
685MABA04KH ILLINOISCAPACITOR-685MABA04KH Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
More results

Similar Description - 685MABA04KH

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA01KG ILLINOISCAPACITOR-104MABA01KG_13 Datasheet
482Kb / 4P
   AC/Motor Run Film Capacitors
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com