Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83019022A Datasheet(PDF) 4 Page - Texas Instruments

Part # 83019022A
Description  HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

83019022A Datasheet(HTML) 4 Page - Texas Instruments

  83019022A Datasheet HTML 1Page - Texas Instruments 83019022A Datasheet HTML 2Page - Texas Instruments 83019022A Datasheet HTML 3Page - Texas Instruments 83019022A Datasheet HTML 4Page - Texas Instruments 83019022A Datasheet HTML 5Page - Texas Instruments 83019022A Datasheet HTML 6Page - Texas Instruments 83019022A Datasheet HTML 7Page - Texas Instruments 83019022A Datasheet HTML 8Page - Texas Instruments 83019022A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54ALS174, SN54ALS175, SN54AS174, SN54AS175B
SN74ALS174, SN74ALS175, SN74AS174, SN74AS175B
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SDAS207E - APRIL 1982 - REVISED MAY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS174
SN54ALS175
SN74ALS174
SN74ALS175
UNIT
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = –18 mA
–1.5
–1.5
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = –0.4 mA
VCC– 2
VCC– 2
V
VOL
VCC =4 5V
IOL = 4 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
All others
VCC =5 5V
VI =0 4V
–0.1
–0.1
mA
IIL
CLK
VCC = 5.5 V,
VI = 0.4 V
–0.15
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–20
–112
–30
–112
mA
ICC
’ALS174
VCC =5 5V
See Note 3
11
19
11
19
mA
ICC
’ALS175
VCC = 5.5 V,
See Note 3
8
14
9
14
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one-half of the true short-circuit output current, IOS.
NOTE 3: ICC is measured with D inputs and CLR grounded, and CLK at 4.5 V.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
SN54ALS174
SN54ALS175
SN74ALS174
SN74ALS175
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
40
50
MHz
CLR low
15
10
tw
Pulse duration
CLK high
12.5
10
ns
CLK low
12.5
10
t
Set p time before CLK
Data
15
10
ns
tsu
Setup time before CLK
CLR inactive
8
6
ns
th
Hold time, data after CLK
0
0
ns
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54ALS174
SN54ALS175
SN74ALS174
SN74ALS175
UNIT
MIN
MAX
MIN
MAX
fmax
40
50
MHz
tPLH
CLR
Any Q
3
20
5
18
ns
tPHL
CLR
y
(or Q, ’ALS175)
5
30
8
23
ns
tPLH
CLK
Any Q
3
20
3
15
ns
tPHL
CLK
y
(or Q, ’ALS175)
5
24
5
17
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - 83019022A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
83019022A TI-83019022A Datasheet
598Kb / 21P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - 83019022A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS175 TI-SN74ALS175 Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54S174 TI-SN54S174 Datasheet
318Kb / 7P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74S174 TI-SN74S174_07 Datasheet
403Kb / 13P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54ALS174 TI-SN54ALS174_07 Datasheet
598Kb / 21P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54174 TI1-SN54174_16 Datasheet
698Kb / 14P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74S175J TI-SN74S175J Datasheet
668Kb / 14P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54174 TI-SN54174 Datasheet
352Kb / 10P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74LS174 RENESAS-HD74LS174 Datasheet
112Kb / 9P
   Hex / Quadruple D-type Flip-Flops (with clear)
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LS171 TI-SN54LS171 Datasheet
127Kb / 4P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com