Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

224LKP035M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 224LKP035M
Description  85째C Screw Terminal Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

224LKP035M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  224LKP035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 224LKP035M Datasheet HTML 2Page - Illinois Capacitor, Inc. 224LKP035M Datasheet HTML 3Page - Illinois Capacitor, Inc. 224LKP035M Datasheet HTML 4Page - Illinois Capacitor, Inc. 224LKP035M Datasheet HTML 5Page - Illinois Capacitor, Inc. 224LKP035M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
LKP
+85°C Screw
Terminal Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
WVDC
(SV)
6.3
10
16
25
35
50
63
80
100
160
200
250
350
400
450
(8)
(13)
(20)
(32)
(44)
(63)
(79)
(100)
(125)
(200)
(250)
(300)
(400)
(450)
(500)
270
35x50
330
35x80
35x80
390
35x50
35x80
35x80
470
35x50
35x80
35x80
35x80
560
35x50
35x80
35x80
35x100
680
35x50
35x50
35x80 35x100 35x100
820
35x50
35x60
35x100 35x100
51x70
1,000
35x60
35x80
35x100 51x70
51x70
1,200
35x50
35x60
35x80
51x70
51x70
51x90
1,500
35x60
35x80
35x100 51x70
51x90
51x115
1,800
35x70
35x80 35x100
51x90
51x90
51x130
2,200
35x50
35x80 35x100 51x70
51x90 51x130
64x96
2,700
35x50 35x100 35x121 51x70
51x130 64x96
64x115
3,300
35x50 35x121 51x70
51x90
51x130 64x115 64x130
3,900
35x60
51x70
51x70 51x115 64x115 64x130 77x115
4,700
35x50
35x80
51x70
51x90
64x96
64x130 77x115 77x130
5,600
35x50
35x60
35x80
51x90 51x115 64x96
77x115 77x130 77x155
6,800
35x50
35x50
35x80
35x100 51x90 51x130 64x115 77x130 77x155 90x157
8,200
35x50
35x60
35x80
35x121 51x115 64x96
64x115 77x155 90x157 90x157
10,000
35x50
35x60
35x80
35x100
51x80
64x96
64x96 64x130 90x157 90x157 90x196
12,000
35x50
35x60
35x80
35x121
51x80
64x96
77x96 77x115 90x157 90x196 90x236
15,000
35x60
35x80 35x100
51x80
51x121 64x130 77x96 77x130 90x196 90x236
18,000
35x50
35x60
35x80 35x121
51x80
51x121 64x130 77x130 77x155 90x236
22,000
35x50
35x60
35x80 35x121 51x80
51x100 64x100 77x130 77x155 90x157
27,000
35x80
35x80 35x121 51x80
51x100 64x100 77x130 90x131
33,000
35x50
35x60
35x80
35x121 51x80 51x100 64x100 64x144 90x131 90x157
39,000
35x50
35x80
35x80
35x121 51x80 51x121 64x100 77x115 90x157
47,000
35x50
35x60
35x80
35x121
51x80 51x100 64x100 64x144 77x144
56,000
35x60
35x80
35x100 35x121
51x80 51x100 64x100 64x144
68,000
35x60
35x80
35x121 51x100 51x100 64x100 64x144 77x144
82,000
35x80
35x80
35x121 51x100 51x100 64x100 77x144
100,000
35x80 35x121
51x80
51x121 64x100 64x144
120,000
35x121 51x80
51x90
51x121 64x121 64x144
150,000
51x80
51x80
51x121 64x100 64x144 77x144
180,000
51x80
51x90
51x121 64x100 64x144
220,000
51x100 51x121 64x100 64x144 77x144
270,000
64x100 51x121 64x115 77x115
330,000
64x100 64x121 77x121 77x144
390,000
64x121 64x121 77x121
470,000
64x121 77x121
560,000
77x121 77x121
680,000
77x121
Convert to inches, divide by 25.4.
µF
DxL(mm)


Similar Part No. - 224LKP035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
224LCA050M ILLINOISCAPACITOR-224LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
More results

Similar Description - 224LKP035M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30A472NJ400 KEMET-ALS30A472NJ400 Datasheet
529Kb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com