Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV-8A10F Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # PV-8A10F
Description  PV Fuse Protects Photovoltaic Panels up to 1000Vdc
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PV-8A10F Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  PV-8A10F Datasheet HTML 1Page - Cooper Bussmann, Inc. PV-8A10F Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2008 Cooper Bussmann
St. Louis, MO 63178
636-394-2877
www.cooperbussmann.com
Reorder # 3142
0508
2.5M
Printed in USA
Specifications
Ratings
Volts:
1000Vdc
Amps:
8 - 15A
Breaking Capacity:
33kA dc
Min Interrupting:
1.3 x In
PV Fuse Coordination with:
4”, 5”, & 6” solar cells
Time Constant (L/R):
Under 1ms
Technical Ratings
Dimensions - mm
Current
Energy Integrals (A2s/I2t)
Power Loss
Part
Rating
Pre-
Total @
(Watts)
Number
(Amps)
Arcing
1000Vdc
0.8In
In
PV-8A10F
8
3
32
0.5
2.0
PV-10A10F
10
7
50
0.6
2.1
PV-12A10F
12
10
100
1.3
2.6
PV-15A10F
15
20
200
1.8
3.0
Ferrule versions of the PV Fuse easily mount in
conventional BM6031 fuse blocks.
Typical solar panel wiring diagram.
PV Fuses are specifically designed to
work in solar panel systems using 4”,
5” and 6” cells.


Similar Part No. - PV-8A10F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PV-8A10F COOPER-PV-8A10F Datasheet
909Kb / 6P
   10x38mm photovoltaic fuses 1000Vdc, 1-30A
logo
Eaton All Rights Reserv...
PV-8A10F EATON-PV-8A10F Datasheet
958Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
logo
Cooper Bussmann, Inc.
PV-8A10F-CT COOPER-PV-8A10F-CT Datasheet
909Kb / 6P
   10x38mm photovoltaic fuses 1000Vdc, 1-30A
logo
List of Unclassifed Man...
PV-8A10F-CT ETC1-PV-8A10F-CT Datasheet
528Kb / 2P
   Single-pole, non-serviceable in-line PV fuse holder and fuse assembly
logo
Eaton All Rights Reserv...
PV-8A10F-CT EATON-PV-8A10F-CT Datasheet
692Kb / 2P
   HPV single-pole, non-serviceable in-line PV fuse holder and fuse assembly: 1-20 A, 1000 Vdc / 4 A, 1500 Vdc
More results

Similar Description - PV-8A10F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ALA BEL-0ALA Datasheet
347Kb / 3P
   1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
logo
STMicroelectronics
STEVAL-ISV004V2 STMICROELECTRONICS-STEVAL-ISV004V2 Datasheet
147Kb / 4P
   240 W PV converter for photovoltaic panels based on the SPV1020
May 2011 Rev 3
logo
Cooper Bussmann, Inc.
PV-1A10F COOPER-PV-1A10F Datasheet
909Kb / 6P
   10x38mm photovoltaic fuses 1000Vdc, 1-30A
logo
PHOENIX CONTACT
3062773 PHOENIX-3062773 Datasheet
58Kb / 3P
   Fuse - FUSE 10,3X85 20A PV
09/12/2020
logo
Gennum Corporation
1202P GENNUM-1202P Datasheet
231Kb / 7P
   Protects up to two lines
3374N GENNUM-3374N Datasheet
171Kb / 9P
   Protects up to eight lines
logo
PHOENIX CONTACT
1622662 PHOENIX-1622662 Datasheet
79Kb / 4P
   Photovoltaic connector - PV-CM-C-HSG
09/12/2020
logo
Cooper Bussmann, Inc.
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com