Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-1621-59 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTR-1621-59
Description  WDM Multi-rate GBIC Transceiver with APD Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTR-1621-59 Datasheet(HTML) 4 Page - Finisar Corporation.

  FTR-1621-59 Datasheet HTML 1Page - Finisar Corporation. FTR-1621-59 Datasheet HTML 2Page - Finisar Corporation. FTR-1621-59 Datasheet HTML 3Page - Finisar Corporation. FTR-1621-59 Datasheet HTML 4Page - Finisar Corporation. FTR-1621-59 Datasheet HTML 5Page - Finisar Corporation. FTR-1621-59 Datasheet HTML 6Page - Finisar Corporation. FTR-1621-59 Datasheet HTML 7Page - Finisar Corporation. FTR-1621-59 Datasheet HTML 8Page - Finisar Corporation. FTR-1621-59 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FTR-1621-XX WDM GBIC
Product Specification - March 2002
F i n i s a r
© Finisar Corporation 01-Mar-02 Rev.F
Page 4
IV. High Speed Electrical Interface
All high-speed PECL signals are AC coupled internally.
Low Speed Signal Parameters
Parameter
Symbol Min
Typ
Max
Units Notes/Conditions
RX_LOS Assert Level
--
-42
-39
dBm Measured on Finisar Eval Card
RX_LOS Deassert Level
--
-37
-32
dBm Measured on Finisar Eval Card
RX_LOS Hysteresis
--
1.0
dB
Measured on Finisar Eval Card
RX_LOS Assert Delay
t_loss_on
100
µsec From detection of loss of signal
to assertion of RX_LOS
RX_LOS Negate Delay
t_loss_off
150
µsec From detection of presence of
signal to negation of RX_LOS
TX_DISABLE Assert Time
t_off
1000
µsec Rising edge ot TX_DISABLE to
fall of output signal below 10%
of nominal
TX_DISABLE Negate Time
t_on
1000
µsec Falling edge of TX_DISABLE
to rise of output signal above
90% of nominal
TX_DISABLE Reset Time
t_reset
10
µsec TX_DISABLE HIGH before
TX_DISABLE set LOW
Table 4. Low speed signal parameters
High Speed Electrical
Interface
Parameter
Symbol Min
Typ
Max
Units
Notes/Conditions
Data Input Voltage
Vin
650
2000
mV
PECL differential peak - peak
Data Output Voltage
Vout
370
2000
mV
PECL differential peak - peak
Duty Cycle
--
50
%
PECL rise/fall
Tr,Tf
150
psec
20%-80% Differential
Bit Error Rate
BER
10-12
PRBS 223 - 1 test data pattern
Tx Input Impedance
Zin
75
ohm
Singled ended impedance
Rx Output Impedance
Zout
75
ohm
Singled ended impedance
Table 5. High speed electrical interface


Similar Part No. - FTR-1621-59

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621T-47 FINISAR-FTR-1621T-47 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
FTR-1621T-49 FINISAR-FTR-1621T-49 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
FTR-1621T-51 FINISAR-FTR-1621T-51 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
FTR-1621T-53 FINISAR-FTR-1621T-53 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
FTR-1621T-55 FINISAR-FTR-1621T-55 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
More results

Similar Description - FTR-1621-59

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL-1621-47 FINISAR-FTL-1621-47 Datasheet
94Kb / 9P
   Multi-Rate CWDM GBIC Transceiver with APD Receiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTL-161947 FINISAR-FTL-161947 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FWLF16197D FINISAR-FWLF16197D Datasheet
552Kb / 10P
   WDM SFP Transceiver with APD Receiver
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FWDM-1619-7D-47 FINISAR-FWDM-1619-7D-47 Datasheet
417Kb / 10P
   WDM SFP Transceiver with APD Receiver
logo
Mitsubishi Electric Sem...
MF-27WTA-M0XMAXXX MITSUBISHI-MF-27WTA-M0XMAXXX Datasheet
88Kb / 9P
   2.7Gb/s Multi-rate WDM Transmitter
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
logo
OPLINK Communications I...
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com