Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54105 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL54105
Description  TMDS Regenerator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54105 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL54105 Datasheet HTML 6Page - Intersil Corporation ISL54105 Datasheet HTML 7Page - Intersil Corporation ISL54105 Datasheet HTML 8Page - Intersil Corporation ISL54105 Datasheet HTML 9Page - Intersil Corporation ISL54105 Datasheet HTML 10Page - Intersil Corporation ISL54105 Datasheet HTML 11Page - Intersil Corporation ISL54105 Datasheet HTML 12Page - Intersil Corporation ISL54105 Datasheet HTML 13Page - Intersil Corporation ISL54105 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6723.0
June 11, 2008
Next, a 15m DualLink DVI cable was attached and
terminated into a female TPA2 adapter and the eye captured
in Figure 4.
The eye is not meeting the minimum requirements of either
the HDMI or DVI standards and the Dell Monitor is unable to
recover the data and display an image.
Setup B inserts an ISL54105 and an additional 15m cable
between the pattern generator and the monitor:
Given the input signal shown in Figure 4, the ISL54105’s
TMDS output signal (Figure 6) is extremely clean. The
output is an improvement over the original signal coming
from the pattern generator in both amplitude and jitter.
The cleaner signal generated at the output of the ISL54105
results in an improved eye at the end of another 15m cable
(Figure 7). The eye is open enough that the Dell 2000FP can
now display a UXGA image with no visible sparkle or other
artifacts.
Tx Loading Considerations
When the ISL54105 is powered-up and its Tx outputs are
disabled, via either the PD (power-down) pin, the
power-down register bit (register 0x02[5]), or the tri-state
outputs bits (register 0x05[1:0]), the Tx pins are high
impedance. In this state, they will draw no current from the
Rx pins of any TMDS receiver they may be connected to.
However, if power to the ISL54105 is removed, the Tx pins
are no longer high-impedance. Figure 8 shows the relevant
equivalent circuit, including the internal ESD protection
diodes. For simplicity, only one of the eight Tx outputs, ESD
protection diodes, and Rx termination resistors are shown.
When VD to the ISL54105 drops below ~2.7V and power is
applied to the external TMDS receiver, ESD protection
diodes inside the ISL54105 can become forward-biased,
FIGURE 4. CHROMA EYE DIAGRAM AFTER 15m CABLE
CHROMA 2326
VIDEO PATTERN
GENERATOR
15m DUAL-LINK
DVI CABLE
DELL 2000FP
UXGA MONITOR
ISL54105
15m DUAL-LINK
DVI CABLE
FIGURE 5. TEST SETUP B
FIGURE 6
FIGURE 3
FIGURE 4
FIGURE 7
FIGURE 6. EYE DIAGRAM AT OUTPUT OF ISL54105
FIGURE 7. ISL54105 EYE DIAGRAM AFTER 15m CABLE
ISL54105


Similar Part No. - ISL54105

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54105 RENESAS-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Renesas Technology Corp
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
More results

Similar Description - ISL54105

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54105 RENESAS-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Renesas Technology Corp
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Agere Systems
LG1600KXH AGERE-LG1600KXH Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
logo
List of Unclassifed Man...
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
logo
Zarlink Semiconductor I...
MV1442 ZARLINK-MV1442 Datasheet
726Kb / 12P
   HDB3 Encoder/Decoder/Clock Regenerator
logo
JDS Uniphase Corporatio...
WSH-600DC95SA JDSU-WSH-600DC95SA Datasheet
131Kb / 3P
   Unidirectional OC-192 Optical Regenerator
logo
Agere Systems
LG1600FXH AGERE-LG1600FXH Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
logo
Silicon Laboratories
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com