Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

473MPR400K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 473MPR400K
Description  105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

473MPR400K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  473MPR400K Datasheet HTML 1Page - Illinois Capacitor, Inc. 473MPR400K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
180
®
Bypass
Filtering
Coupling
Audio
Timing
Blocking
MPR
+105°C Metallized
Polypropylene Epoxy
Dipped Radial Lead
Capacitors
Operating Temperature Range
Capacitance Tolerance
-55°C to 105°C
±10% at 1kHz, 25°C
Humidity Test
Load Life
Insulation Resistance
@20°C for 1 minute at 100 VDC
Voltage Range
WVDC
VAC
250
400
630
200
220
250
Dissipation Factor
.1% at 1 kHz, 25°C
Capacitance
Insulation Resistance
≤0.33 µF
100,000 M
>0.33 µF
30,000 M
Ω x µF
2,000 hours, +85°C with 125% rated DC voltage
Capacitance Change
Dissipation Factor
Change
Insulation
Resistance
≤3% maximum
<125% maximum
specification
≥50% of minimum
initial limits
250 hours, 95% RH, 25°C and no applied voltage
Capacitance Change
Dissipation Factor
Change
Insulation Resistance
<5% of initial readings
+25°C, 1kHz
< 200% of initial
+25°C, 1kHz
≥ 3000MΩxµF
(need not exceed 5000M
Ω)
Self-inductance
≤1 nH/mm along the capacitor pitch
Capacitance Drift Factor
Capacitance Temperature
Coefficient
(after 2 years)
≤0.5% up to 40°C
150% of rated WVDC for 5 seconds at 25°C
-200 ppm/°C, ± 100ppm/°C
Type
Dielectric
Electrodes
Leads
Extended metallized film
Polypropylene film
Vacuum deposited aluminum layers
Tinned copper wire
Coating
Flame retardant epoxy sealed resin
(UL94V-O)
Dielectric Strength


Similar Part No. - 473MPR400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473MPR400K ILLINOISCAPACITOR-473MPR400K Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
473MPR400K ILLINOISCAPACITOR-473MPR400K Datasheet
202Kb / 2P
   Small size ??Low ESR ??Good Pulse Capabilities ??Stable
More results

Similar Description - 473MPR400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K Datasheet
378Kb / 2P
   Small Size Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
105MPL100K ILLINOISCAPACITOR-105MPL100K Datasheet
385Kb / 2P
   105째C Metallized Polypropylene Capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K Datasheet
383Kb / 2P
   105째C Metallized Polypropylene Capacitors
102UMR100K ILLINOISCAPACITOR-102UMR100K Datasheet
441Kb / 4P
   Epoxy-Dipped Radial Lead Inductive Film/Foil Capacitors
472MKP275K ILLINOISCAPACITOR-472MKP275K Datasheet
399Kb / 3P
   Class X2 Radial Lead Metallized Polypropylene Capacitors
logo
Surge Components
SRM SURGE-SRM Datasheet
20Kb / 1P
   EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com