Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

473MTB102KE Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 473MTB102KE
Description  Metallized Polyester Film Capacitors for General Purpose Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

473MTB102KE Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  473MTB102KE Datasheet HTML 1Page - Illinois Capacitor, Inc. 473MTB102KE Datasheet HTML 2Page - Illinois Capacitor, Inc. 473MTB102KE Datasheet HTML 3Page - Illinois Capacitor, Inc. 473MTB102KE Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
Blocking
Filtering
Bypassing
Coupling
Decoupling
General Purpose Applications
Metallized Polyester Film
Capacitors for General
Purpose Applications
MTB
VDC
VAC
Operating Temperature Range
-55˚C to +105˚C
Capacitance Tolerance
+/- 10% at 1kHz, 20˚C
Dissipation Factor
(max) at 20˚C.
Insulation Resistance
@20˚C(<70% RH)
for 1 minute at 100VDC
(50VDC for VDC<100V)
Dielectric Strength
160% of rated WVDC for 2 seconds at 20°C between leads
Self inductance
<1nH/mm of capacitor lead spacing
Capacitance drift
<1.0% up to 40˚C after 2 years
Temperature Coefficient
+400ppm/˚C +/- 200ppm/˚C
Reliability
Applied voltage = .5VDC@40°C
Load Life Test
2000 hours at 100°C±2°C, 125% of rated voltage
Dielectric
Polyester
Electrodes
Vacuum deposited metal layers
Construction
Extended metallized film with internal series connections for
WVDC=1000
Leads
Tinned copper leads.
Coating
Solvent resistant plastic box (UL 94V-1) with epoxy end fills (UL 94V-0)
63
40
100
63
160
90
250
160
400
200
1000
250
Freq (kHz)
C
≤ 1µF
C> 1µF
1
0.8%
1.0%
10
1.5%
-
VDC
≤100
≤100
>100
>100
Rated Voltage
Capacitance
≤.33µF
>.33µF
≤.33µF
>.33µF
Insulation Resistance
3750M
1250M
ΩxµF
30000M
10000M
ΩxµF
5 FIT, 1 FIT=1failure/billion component hours.
Typical capacitance change-3%
Capacitance Charge
Dissipation Factor
Insulation Resistance
≤5% of initial measured value
≤ .5% at 10kHz for C≤1µF
≤.3% at 1kHz for C>1µF
≥50% of initial specified value
For T>85°C The rated voltage must be decreased by 1.25% per °C


Similar Part No. - 473MTB102KE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473MTB102KE ILLINOISCAPACITOR-473MTB102KE Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
473MTB102KE ILLINOISCAPACITOR-473MTB102KE Datasheet
278Kb / 3P
   Self Healing ??Small Size ??Low ESR
More results

Similar Description - 473MTB102KE

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60MF2470AA60K KEMET-R60MF2470AA60K Datasheet
1Mb / 21P
   General Purpose Metallized Polyester Film Capacitors
logo
Illinois Capacitor, Inc...
152MWS402KG ILLINOISCAPACITOR-152MWS402KG_13 Datasheet
610Kb / 4P
   Metallized Polyester Film Capacitors for High Voltage Applications
152MWS402KG ILLINOISCAPACITOR-152MWS402KG Datasheet
380Kb / 3P
   Metallized Polyester Film Capacitors for High Voltage Applications
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com