Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

505MP400K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 505MP400K
Description  Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

505MP400K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  505MP400K Datasheet HTML 1Page - Illinois Capacitor, Inc. 505MP400K Datasheet HTML 2Page - Illinois Capacitor, Inc. 505MP400K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MP
STANDARD PART LISTING
PART
NUMBER
VAC
LxHxT
(mm)
1
250
105MP#250K## 32x18x10
1
350
105MP#350K## 32x20x10
1
400
105MP#400K## 38x24x12
1
450
105MP#450K## 38x26x14
1
500
105MP#500K## 38x28x17
1
600
105MP#600K## 38x30x20
3
250
305MP#250K## 32x27x16
3
350
305MP#350K## 32x28x18
3
400
305MP#400K## 48x31x19
3
450
305MP#450K## 38x35x26
3
500
305MP#500K## 48x35x24
3
600
305MP#600K## 48x40x30
5
250
505MP#250K## 38x30x18
5
350
505MP#350K## 38x33x22
5
400
505MP#400K## 48x35x25
5
450
505MP#450K## 48x38x29
5
500
505MP#500K## 48x40x30
5
600
505MP#600K## 58x45x34
7
250
705MP#250K## 38x33x21
7
350
705MP#350K## 38x37x26
Metallized Polypropylene
Motor Run/AC film
Capacitors in Boxes
PHYSICAL DIMENSIONS
LxHxT (mm)
250
350
400
450
500
600
1
32x18x10 32x20x10 38x24x12 38x26x14 38x28x17 38x30x20
3
32x27x16 32x28x18 48x31x19 38x35x26 48x35x24 48x40x30
5
38x30x18 38x33x22 48x35x25 48x38x29 48x40x30 58x45x34
7
38x33x21 38x37x26 48x40x30 48x45x34 58x45x32 68x45x35
10
38x38x27 48x36x25 58x45x34
15
48x37x26 48x40x29 68x47x35
20
51x38x30 58x40x28 60x50x38
25
58x40x30 58x43x32 68x55x44
30
68x40x30 68x43x31
35
68x45x33
40
68x48x36
VAC
(µF)
Capacitance
(µF)
PART
NUMBER
VAC
LxHxT
(mm)
7
400
705MP#400K## 48x40x30
7
450
705MP#450K## 48x45x34
7
500
705MP#500K## 58x45x32
7
600
705MP#600K## 68x45x35
10
250
106MP#250K## 38x38x27
10
350
106MP#350K## 48x36x25
10
400
106MP#400K## 58x45x34
15
250
156MP#250K## 48x37x26
15
350
156MP#350K## 48x40x29
15
400
156MP#400K## 68x47x35
20
250
206MP#250K## 51x38x30
20
350
206MP#350K## 58x40x28
20
400
206MP#400K## 58x40x28
25
250
256MP#250K## 58x40x30
25
350
256MP#350K## 58x43x32
25
400
256MP#400K## 68x55x44
30
250
306MP#250K## 68x40x30
30
350
306MP#350K## 68x43x31
35
350
356MP#350K## 68x45x33
40
350
406MP#350K## 68x48x36
Capacitance
(µF)
*Customized capacitors available upon request.
Contact Illinois Capacitor Inc. for details.
# replace with mounting tab style designation (1 to 5)
## to be assigned by Illinois Capacitor, Inc.
Convert to inches divide by 25.4


Similar Part No. - 505MP400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
505MPH100K ILLINOISCAPACITOR-505MPH100K Datasheet
383Kb / 2P
   105째C Metallized Polypropylene Capacitors
505MPH100K ILLINOISCAPACITOR-505MPH100K Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
505MPH200K ILLINOISCAPACITOR-505MPH200K Datasheet
383Kb / 2P
   105째C Metallized Polypropylene Capacitors
505MPH200K ILLINOISCAPACITOR-505MPH200K Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
505MPH400K ILLINOISCAPACITOR-505MPH400K Datasheet
383Kb / 2P
   105째C Metallized Polypropylene Capacitors
More results

Similar Description - 505MP400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105ME-250K ILLINOISCAPACITOR-105ME-250K Datasheet
374Kb / 2P
   Metallized Polyester Motor Run/AC Film Capacitors In Boxes
105MPR350KP ILLINOISCAPACITOR-105MPR350KP Datasheet
388Kb / 6P
   Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
105MER350K ILLINOISCAPACITOR-105MER350K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA01KG ILLINOISCAPACITOR-104MABA01KG_13 Datasheet
482Kb / 4P
   AC/Motor Run Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com