Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

223MSR102K Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 223MSR102K
Description  Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

223MSR102K Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  223MSR102K Datasheet HTML 1Page - Illinois Capacitor, Inc. 223MSR102K Datasheet HTML 2Page - Illinois Capacitor, Inc. 223MSR102K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
161
®
MSR
STANDARD PART LISTING
Epoxy Dipped Radial
Lead Metallized
Polyester Capacitors
PART
NUMBER
WVDC
Capacitance
(µF)
0.01
400
103MSR400K
160
10x9x5
0.01
630
103MSR630K
200
12.5x10x5
0.01
1000
103MSR102K
80
14x11.5x7
0.015
250
153MSR250K
110
10x9x5
0.015
400
153MSR400K
160
10x9.5x5.5
0.015
630
153MSR630K
200
12.5x10.5x6
0.015
1000
153MSR102K
80
14x11.5x8
0.022
250
223MSR250K
110
10x9x5
0.022
400
223MSR400K
160
12.5x9x5
0.022
630
223MSR630K
200
12.5x12x7
0.022
1000
223MSR102K
40
19x12.5x8.5
0.033
250
333MSR250K
110
10x9.5x5.5
0.033
400
333MSR400K
160
12.5x10.5x5.5
0.033
630
333MSR630K
90
17.5x11.5x6.5
0.033
1000
333MSR102K
40
19.5x14x9.5
0.047
100
473MSR100K
35
10x8.5x5
0.047
250
473MSR250K
110
12.5x9x5
0.047
400
473MSR400K
160
12.5x11x6.5
0.047
630
473MSR630K
90
17.5x12.5x7.5
0.047
1000
473MSR102K
33
27x14x9
0.068
100
683MSR100K
35
10x8x4.5
0.068
250
683MSR250K
110
12.5x10x5
0.068
400
683MSR400K
160
17.5x10x5.5
0.068
630
683MSR630K
90
17.5x14x8
0.068
1000
683MSR102K
33
27x15x10
0.10
100
104MSR100K
30
12.5x8.5x5.5
0.10
250
104MSR250K
110
12.5x11x6
0.10
400
104MSR400K
65
17.5x11.5x6.5
0.10
630
104MSR630K
90
17.5x15.5x10
0.10
1000
104MSR102K
33
27x16.5x11.5
0.15
100
154MSR100K
30
12.5x9x5
0.15
250
154MSR250K
110
13x13x7
dv/dt
(v/µ sec.)
Dimensions
L x H x T
(mm)
Dimensions
L x H x T
(mm)
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(v/µ sec.)
0.15
400
154MSR400K
65
17.5x12.5x7.5
0.15
630
154MSR630K
35
22.5x16.5x9
0.22
100
224MSR100K
30
12.5x10x5.5
0.22
250
224MSR250K
45
17.5x11x6.5
0.22
400
224MSR400K
30
22.5x14.5x7.5
0.22
630
224MSR630K
35
22.5x19x11
0.22
1000
224MSR102K
20
32.5x22.5x14.5
0.33
100
334MSR100K
20
17.5x10x5.5
0.33
250
334MSR250K
45
17.5x12.5x7
0.33
400
334MSR400K
30
22.5x16x9
0.33
630
334MSR630K
30
30x18.5x11
0.33
1000
334MSR102K
20
32.5x25.5x16
0.47
100
474MSR100K
20
17.5x11x6.5
0.47
250
474MSR250K
20
22.5x12.5x7.5
0.47
400
474MSR400K
30
22.5x19.5x10
0.47
630
474MSR630K
30
30x22x12.5
0.47
1000
474MSR102K
20
32.5x26.5x18.5
0.68
100
684MSR100K
20
17.5x12.5x7.5
0.68
250
684MSR250K
20
22.5x14.5x8.5
0.68
400
684MSR400K
25
30x18x10
0.68
630
684MSR630K
30
33x24.5x14
1.0
100
105MSR100K
20
18x14x8
1.0
250
105MSR250K
20
22.5x17x9.5
1.0
400
105MSR400K
25
30x20.5x12
1.5
100
155MSR100K
10
22.5x14.5x8.5
1.5
250
155MSR250K
15
30x18x9.5
2.2
100
225MSR100K
10
22.5x16.5x10.5
2.2
250
225MSR250K
15
30x21.5x11.5
3.3
100
335MSR100K
10
22.5x21x11.5
4.7
100
475MSR100K
5
30x20.5x11
6.8
100
685MSR100K
5
30x22.5x12.5
10.0
100
106MSR100K
5
32x28x17
NOTE: WVDC: = MAXIMUM RATED WORKING VOLTAGE @ +85°C.


Similar Part No. - 223MSR102K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223MSR102K ILLINOISCAPACITOR-223MSR102K Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
223MSR102K ILLINOISCAPACITOR-223MSR102K Datasheet
213Kb / 2P
   Small size ??Self Healing ??Low Cost
More results

Similar Description - 223MSR102K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103MMR250K ILLINOISCAPACITOR-103MMR250K Datasheet
378Kb / 2P
   Small Size Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
102FFR100K ILLINOISCAPACITOR-102FFR100K Datasheet
882Kb / 3P
   125째 Non-inductive Polyester Film/Foil Epoxy Dipped Radial Lead Capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K Datasheet
378Kb / 2P
   105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
102UMR100K ILLINOISCAPACITOR-102UMR100K Datasheet
441Kb / 4P
   Epoxy-Dipped Radial Lead Inductive Film/Foil Capacitors
logo
Vishay Siliconix
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
MKT369 VISHAY-MKT369 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com