Electronic Components Datasheet Search
Selected language     English  ▼


SN74ALS996DW Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN74ALS996DW
Description  8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 6 page
background image
SN54ALS996, SN74ALS996
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SDAS098B – OCTOBER 1984 – REVISED JANUARY 1995
2–6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
TA = MIN to MAX†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54ALS996
SN74ALS996
UNIT
MIN
MAX
MIN
MAX
fmax
35
35
MHz
tPLH
CLK
Q
5
30
5
28
ns
tPHL
(T/C = H or L)
Q
5
24
5
28
ns
tPLH
CLR (T/C = L)
Q
5
27
7
27
ns
tPHL
CLR (T/C = H)
Q
5
23
7
23
ns
tPLH
T/C
Q
4
23
5
23
ns
tPHL
T/C
Q
5
23
5
23
ns
tPHL
CLR
D
5
30
8
30
ns
ten‡
RD
D
2
18
3
16
ns
tdis§
RD
D
1
19
3
19
ns
ten‡
EN
D
2
17
3
16
ns
tdis§
EN
D
1
19
3
19
ns
ten‡
OE
Q
2
15
4
15
ns
tdis§
OE
Q
1
11
1
10
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ ten = tPZH or tPZL
§ tdis = tPHZ or tPLZ




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74ALS6668-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
DM74LS3733-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops 1 2 3 4 5 MoreFairchild Semiconductor
SN74S374OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS 1 2 3 4 5 MoreTexas Instruments
DM54LS373TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops 1 2 3 4 5 MoreNational Semiconductor (TI)
SN74ALS9908-BIT D-TYPE TRANSPARENT READ-BACK LATCH 1 2 3 4 5 MoreTexas Instruments
DM74ALS996Octal D-Type Edge-Triggered Readback Latches 1 2 3 4 5 National Semiconductor (TI)
SN54LS373OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS 1 2 3 4 5 MoreTexas Instruments
SN74LV373AOCTAL TRANSPARENT D-TYPE LATCHES WITH 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
8407201RAMICROCIRCUIT DIGITAL HIGH-SPEED CMOS OCTAL TRANSPARENT D-TYPE LATCHES WITH THREE STATE OUTPUTS MONOLITIC SILICON 1 2 3 4 5 MoreList of Unclassifed Manufacturers
74ACT8258-Bit D-Type Flip-Flop 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl