Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

225PBM050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 225PBM050M
Description  85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

225PBM050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  225PBM050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 225PBM050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Capacitance
(µF)
PBM
+ 85°C Non-Polar
7mm Height Radial
Lead Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
0.47
50
474PBM050M
423.384
5
4x7
0.68
50
684PBMO5OM
292.564
6
4x7
1
50
105PBM050M
198.944
8
4x7
1.5
50
155PBM050M
132.629
10
4x7
2.2
50
225PBM050M
90.429
13
4x7
3.3
50
335PBM050M
60.286
18
4x7
4.7
35
475PBM035M
49.383
20
4x7
4.7
50
475PBM050M
42.328
25
5x7
6.8
16
685PBM016M
39.009
15
4x7
6.8
35
685PBM035M
34.132
22
5x7
6.8
50
685PBM050M
29.256
29
6.3x7
10
16
106PBM016M
26.526
27
4x7
10
35
106PBM035M
23.210
33
5x7
10
50
106PBM050M
19.894
44
8x7
Dimensions
DxL
(mm)
Dimensions
DxL
(mm)
35
(44)
25
(32)
16
(20)
10
(13)
50
(63)
6.3
(8)
Convert to inches, divide by 25.4
.47
.68
1.0
1.5
2.2
3.3
4.7
6.8
10.0
15.0
22.0
33.0
47.0
68.0
100
4x7
4x7
4x7
4x7
4x7
4x7
4x7
5x7
4x7
5x7
6.3x7
4x7
5x7
8x7
5x7
6.3x7
5x7
6.3x7
8x7
5x7
6.3x7
8x7
6.3x7
8x7
6.3x7
6.3x7
8x7
PVC SLEEVE
d
S1
D1
L1
L
L
19.0 MIN
15.0 MIN
L1= L+1mm Max.
S1= S±.5mm
D1= D+.5mm Max.
PHYSICAL DIMENSIONS
DxL(mm)
(µF)
15
16
156PBM016M
17.684
29
5x7
15
35
156PBM035M
15.473
40
6.3x7
22
16
226PBM016M
12.057
47
5x7
22
25
226PBM025M
12.057
51
6.3x7
22
50
226PBM050M
9.043
65
8x7
33
10
336PBM010M
10.048
50
5x7
33
16
336PBM016M
8.038
60
6.3x7
33
35
336PBM035M
7.033
80
8x7
47
10
476PBM010M
7.055
64
6.3x7
47
25
476PBM025M
5.644
85
8x7
68
6.3
686PBM6R3M
5.851
40
6.3x7
100
6.3
107PBM6R3M
3.979
50
6.3x7
100
16
107PBM016M
2.653
120
8x7
Capacitance
(µF)
WVDC
(SV)
D
4
5
6.3
8
S
d
1.5
.45
2.0
.45
2.5
.45
3.5
.50
LEAD INFORMATION VS. CASE DIAMETER


Similar Part No. - 225PBM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
225PBM050M ILLINOISCAPACITOR-225PBM050M Datasheet
183Kb / 2P
   85C non-polar Low Profile, 7mm Height Aluminum Electrolytic Capacitors
225PBM050M ILLINOISCAPACITOR-225PBM050M Datasheet
194Kb / 2P
   Non/Bi-polar ??7mm Height
225PBM050M ILLINOISCAPACITOR-225PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results

Similar Description - 225PBM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M_13 Datasheet
183Kb / 2P
   85C non-polar Low Profile, 7mm Height Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com