Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

472MWS632KL Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 472MWS632KL
Description  Metallized Polyester Film Capacitors for High Voltage Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

472MWS632KL Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  472MWS632KL Datasheet HTML 1Page - Illinois Capacitor, Inc. 472MWS632KL Datasheet HTML 2Page - Illinois Capacitor, Inc. 472MWS632KL Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
158
®
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(v/µs)
Dimension
DxL
(mm)
Metallized Polyester
Film Capacitors for
High Voltage
Applications
MWS
STANDARD PART LISTING
0.0015
4000
152MWS402KG
550
8.5x29
0.0015
6300
152MWS632KL
800
11x40.5
0.0015
10000
152MWS103KT
1200
15.5x63
0.0022
4000
222MWS402KG
550
9.5x29
0.0022
6300
222MWS632KL
800
13x40.5
0.0022
10000
222MWS103KT
1200
17.5x63
0.0033
4000
332MWS402KG
550
11x29
0.0033
6300
332MWS632KL
800
15x40.5
0.0033
10000
332MWS103KT
1200
22x63
0.0047
2500
472MWS252KG
200
8.5x29
0.0047
4000
472MWS402KG
550
12.5x29
0.0047
6300
472MWS632KL
800
17x40.5
0.0047
10000
472MWS103KT
1200
25x63
0.0068
2500
682MWS252KG
200
9.5x29
0.0068
4000
682MWS402KG
550
14.5x29
0.0068
6300
682MWS632KO
400
15.5x49.5
0.0068
10000
682MWS103KT
1200
28.5x63
0.01
2500
103MWS252KG
200
11x29
0.01
4000
103MWS402KG
550
17x29
0.01
6300
103MWS632KO
400
18x49.5
0.01
10000
103MWS103KT
1200
33x63
0.015
2500
153MWS252KG
200
13x29
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(v/µs)
Dimension
DxL
(mm)
0.015
4000
153MWS402KJ
300
15x34
0.015
6300
153MWS632KO
400
21.5x49.5
0.015
10000
153MWS103KT
1200
39x63
0.022
2500
223MWS252KG
200
14.5x29
0.022
4000
223MWS402KJ
300
18.5x34
0.022
6300
223MWS632KO
400
25.5x49.5
0.033
2500
333MWS252KJ
125
14.5x34
0.033
4000
333MWS402KJ
300
22x34
0.033
6300
333MWS632KO
400
30x49.5
0.047
2500
473MWS252KJ
125
17x34
0.047
4000
473MWS402KN
175
20x46.5
0.047
6300
473MWS632KO
400
36x49.5
0.068
2500
683MWS252KJ
125
20x34
0.068
4000
683MWS402KN
175
23x46.5
0.1
2500
104MWS252KO
70
18.5x49.5
0.1
4000
104MWS402KN
170
27.5x46.5
0.15
2500
154MWS252KO
70
21.5x49.5
0.15
4000
154MWS402KN
170
33.5x46.5
0.22
2500
224MWS252KO
70
25.5x49.5
0.33
2500
334MWS252KO
70
31x49.5
0.47
2500
474MWS252KO
70
37x49.5


Similar Part No. - 472MWS632KL

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
472MWS632KL ILLINOISCAPACITOR-472MWS632KL Datasheet
610Kb / 4P
   Metallized Polyester Film Capacitors for High Voltage Applications
472MWS632KL ILLINOISCAPACITOR-472MWS632KL Datasheet
171Kb / 2P
   High Voltage
More results

Similar Description - 472MWS632KL

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
152MWS402KG ILLINOISCAPACITOR-152MWS402KG_13 Datasheet
610Kb / 4P
   Metallized Polyester Film Capacitors for High Voltage Applications
223MTB102KE ILLINOISCAPACITOR-223MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
logo
MERITEK ELECTRONICS COR...
HMPE MERITEK-HMPE Datasheet
111Kb / 1P
   Hi-Voltage Metallized Polyester Film Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32237 EPCOS-B32237 Datasheet
112Kb / 6P
   Metallized polyester film capacitors (MKT) High voltage (wound)
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com