Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105PLM050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 105PLM050M
Description  85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

105PLM050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  105PLM050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 105PLM050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
I Very small size
I Capacitance range: 0.1 µF to 100 µF
I Voltage range: 6.3 WVDC to 50 WVDC
I Solvent tolerant end seals standard
FEATURES
PLM
Operating Temperature Range
6.3
10
16
25
35
50
.24
.20
.16
.14
.12
.10
2 minutes
Load Life
1,000 hours at 85°C with rated WVDC
< 20% of initial measured values
<200% of initial specified value
<Initial specified value
Capacitance change
Dissipation factor
Leakage current
SPECIFICATIONS
Capacitance Tolerance
±20% at 120Hz, 20°C
Leakage Current
Shelf Life
.002CV or .4µA
whichever is greater
1,000 hours at 85°C with no voltage applied.
Units will meet load life specifications.
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
Impedance Ratio
(Max.) @120Hz
-25/20°C
-40/20°C
4
3
2
2
2
2
10
8
6
4
3
3
≤ 50 WVDC
WVDC
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo Pack Cut, formed, cut and formed, and snap-in leads
Epoxy end seal Polyester sleeve
-40°C to +85°C
6.3
10
16
25
35
50
For all timing applications
+85°C 7mm Height
Low-Leakage Radial
Lead Aluminum
Electrolytic Capacitors
WVDC
Time
Ripple Current Multipliers
Frequency (Hz)
50
120
400
1K
10K
100K
0.8
1.0
1.3
1.36
1.48
1.53
Temperature (°C)
+85
1.0
+70
1.3
+60
1.5
+45
1.8
(See pages 33 thru 37)


Similar Part No. - 105PLM050M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
105PBF VISHAY-105PBF Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
logo
Illinois Capacitor, Inc...
105PBM050M ILLINOISCAPACITOR-105PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
105PBM050M ILLINOISCAPACITOR-105PBM050M Datasheet
183Kb / 2P
   85C non-polar Low Profile, 7mm Height Aluminum Electrolytic Capacitors
105PBM050M ILLINOISCAPACITOR-105PBM050M Datasheet
194Kb / 2P
   Non/Bi-polar ??7mm Height
105PBM050M ILLINOISCAPACITOR-105PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results

Similar Description - 105PLM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M_13 Datasheet
184Kb / 2P
   105C, 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M Datasheet
389Kb / 3P
   85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com