Selected language     English  ▼


SN74ALS996NT Datasheet(PDF) 2 Page - Texas Instruments

Part No. SN74ALS996NT
Description  8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 2 page
background image
SN54ALS996, SN74ALS996
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SDAS098B – OCTOBER 1984 – REVISED JANUARY 1995
2–2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
11
CLK
2D
2
3D
3
4D
4
5D
5
6D
6
7D
7
8D
8
5Q
19
6Q
18
7Q
17
8Q
16
2Q
22
3Q
21
4Q
20
1Q
23
1D
1
1D
9
EN
2
10
RD
R
13
CLR
N3
14
T/C
EN4
15
OE
3,4
&
EN2
C1
≥ 1
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the DW, JT, and NT packages.
logic diagram (positive logic)
To Seven Other Channels
15
23
OE
1Q
14
T/C
13
CLR
10
RD
1D
C1
R
9
EN
11
CLK
1
1D
Pin numbers shown are for the DW, JT, and NT packages.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74ALS6668-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
DM74LS3733-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops 1 2 3 4 5 MoreFairchild Semiconductor
SN74S374OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS 1 2 3 4 5 MoreTexas Instruments
DM54LS373TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops 1 2 3 4 5 MoreNational Semiconductor (TI)
SN74ALS9908-BIT D-TYPE TRANSPARENT READ-BACK LATCH 1 2 3 4 5 MoreTexas Instruments
DM74ALS996Octal D-Type Edge-Triggered Readback Latches 1 2 3 4 5 National Semiconductor (TI)
SN54LS373OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS 1 2 3 4 5 MoreTexas Instruments
SN74LV373AOCTAL TRANSPARENT D-TYPE LATCHES WITH 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
8407201RAMICROCIRCUIT DIGITAL HIGH-SPEED CMOS OCTAL TRANSPARENT D-TYPE LATCHES WITH THREE STATE OUTPUTS MONOLITIC SILICON 1 2 3 4 5 MoreList of Unclassifed Manufacturers
74ACT8258-Bit D-Type Flip-Flop 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl