Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104MPW160K Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 104MPW160K
Description  105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104MPW160K Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  104MPW160K Datasheet HTML 1Page - Illinois Capacitor, Inc. 104MPW160K Datasheet HTML 2Page - Illinois Capacitor, Inc. 104MPW160K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
179
®
PART
NUMBER
WVDC
Capacitance
(µF)
MPW
+105°C Metallized
Polypropylene Axial
Leaded Wrap & Fill
Capacitors
STANDARD PART LISTING
0.001
630
102MPW630K
22
5.5x11.5
0.0015
400
152MPW400K
15
5.5x11.5
0.0015
630
152MPW630K
22
6x14.5
0.0022
400
222MPW400K
15
5.5x11.5
0.0022
630
222MPW630K
22
6x14.5
0.0033
400
332MPW400K
15
5.5x11.5
0.0033
630
332MPW630K
22
6x14.5
0.0047
400
472MPW400K
15
5.5x11.5
0.0047
630
472MPW630K
22
6x14.5
0.0068
400
682MPW400K
15
5.5x11.5
0.0068
630
682MPW630K
22
6x14.5
0.0082
400
822MPW400K
15
5.5x11.5
0.0082
630
822MPW630K
22
6x14.5
0.01
400
103MPW400K
15
6x14.5
0.01
630
103MPW630K
22
6.5x14.5
0.015
250
153MPW250K
12
5.5x14.5
0.015
400
153MPW400K
15
6.5x14.5
0.015
630
153MPW630K
22
7.5x14.5
0.022
160
223MPW160K
22
5.5x11.5
0.022
250
223MPW250K
12
6x14.5
0.022
400
223MPW400K
15
7x14.5
0.022
630
223MPW630K
22
8.5x14.5
0.033
160
333MPW160K
22
5.5x11.5
0.033
250
333MPW250K
12
6.5x14.5
0.033
400
333MPW400K
15
7.5x14.5
0.033
630
333MPW630K
16
8.5x20.5
0.047
160
473MPW160K
22
5.5x11.5
0.047
250
473MPW250K
12
6.5x14.5
0.047
400
473MPW400K
15
8.5x14.5
0.047
630
473MPW630K
16
9x20.5
0.068
160
683MPW160K
22
6.5x14.5
0.068
250
683MPW250K
12
7.5x14.5
0.068
400
683MPW400K
12
8.5x20.5
0.068
630
683MPW630K
12
9x29
0.1
160
104MPW160K
22
6.5x14.5
0.1
250
104MPW250K
12
8.5x14.5
0.1
400
104MPW400K
12
8.5x20.5
0.1
630
104MPW630K
12
10.5x29
dv/dt
(v/µs)
Dimension
DxL
(mm)
Dimension
DxL
(mm)
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(v/µs)
NOTE: WVDC: MAXIMUM RATED DC WORKING VOLTAGE AT +85°C.
0.15
160
154MPW160K
22
7.5x14.5
0.15
250
154MPW250K
8
8x20.5
0.15
400
154MPW400K
8
9.5x29
0.15
630
154MPW630K
12
12x29
0.22
160
224MPW160K
22
8x14.5
0.22
250
224MPW250K
8
9.5x20.5
0.22
400
224MPW400K
8
10.5x29
0.22
630
224MPW630K
7
12.5x34
0.33
160
334MPW160K
18
8.5x20.5
0.33
250
334MPW250K
5
10x29
0.33
400
334MPW400K
8
12.5x29
0.33
630
334MPW630K
7
15.5x34
0.47
160
474MPW160K
18
9.5x20.5
0.47
250
474MPW250K
5
11x29
0.47
400
474MPW400K
8
14x29
0.47
630
474MPW630K
7
18x34
0.68
160
684MPW160K
11
10x29
0.68
250
684MPW250K
5
12.5x29
0.68
400
684MPW400K
5
15x34
0.68
630
684MPW630K
7
22x34
1
160
105MPW160K
11
11x29
1
250
105MPW250K
3
13x34
1
400
105MPW400K
5
17.5x34
1.5
160
155MPW160K
11
13x29
1.5
250
155MPW250K
8
16x34
1.5
400
155MPW400K
5
20.5x34
2.2
160
225MPW160K
8
13.5x34
2.2
250
225MPW250K
3
19x34
2.2
400
225MPW400K
3
24x46
3.3
160
335MPW160K
8
16x34
3.3
250
335MPW250K
2
17x47
3.3
400
335MPW400K
3
24x47
4.7
160
475MPW160K
8
18x34
4.7
250
475MPW250K
2
22.5x47
4.7
400
475MPW400K
3
28.5x47
6.8
160
685MPW160K
8
18.5x46.5
10
160
106MPW160K
8
22.5x46.5


Similar Part No. - 104MPW160K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104MPW160K ILLINOISCAPACITOR-104MPW160K Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
104MPW160K ILLINOISCAPACITOR-104MPW160K Datasheet
190Kb / 2P
   Low ESR - High AC/Ripple Current - Stable with frequency and
More results

Similar Description - 104MPW160K

ManufacturerPart #DatasheetDescription
logo
Surge Components
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
List of Unclassifed Man...
15015463AA ETC2-15015463AA Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
logo
Vishay Siliconix
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
logo
List of Unclassifed Man...
170223160AA ETC2-170223160AA Datasheet
409Kb / 3P
   High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
logo
Vishay Siliconix
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
logo
Vishay Siliconix
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com