Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107PGM6R3M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 107PGM6R3M
Description  105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107PGM6R3M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  107PGM6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 107PGM6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+105°C 7mm Height
Low Profile Radial
Lead Aluminum
Electrolytic Capacitors
PGM
For all long life general purpose applications
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
Operating Temperature Range
6.3
10
16
25
35
50
.24
.20
.16
.14
.12
.10
2 minutes
Load Life
1,000 hours at 105°C with rated WVDC
< 20% of initial measured value
<200% of initial specified value
<Initial specified value
Capacitance change
Dissipation factor
Leakage current
I Very Small Size
I Capacitance range: 0.1 µF to 100 µF
I Voltage range: 6.3 WVDC to 50 WVDC
I Solvent tolerant end seals standard
SPECIFICATIONS
FEATURES
Capacitance Tolerance
±20% at 120Hz, 20°C
Leakage Current
Shelf Life
.01 CV or 3 µA
whichever is greater
1,000 hours at 105°C with no voltage applied.
Units will meet load life specification.
-55°C to +105°C
Dissipation Factor
120Hz 20°C
tan
δ
WVDC
Impedance Ratio
(Max.) @120Hz
-25°C/20°C
-40°C/20°C
3222
22
6543
3
3
WVDC
≤50 WVDC
WVDC
Ripple Current Multipliers
Frequency (Hz)
50
120
400
1K
10K
100K
0.8
1.0
1.3
1.45
1.65
1.7
Temperature (°C)
+105
+85
+65
1.0
1.4
1.75
Time
6.3
10
16
25
35
50
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo-Pack Cut, Formed, Cut and Formed, and Snap In Leads
(See pages 33 thru 37)


Similar Part No. - 107PGM6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107PGM6R3M ILLINOISCAPACITOR-107PGM6R3M Datasheet
214Kb / 2P
   7mm Height, General Purpose, 1000 hours
107PGM6R3M ILLINOISCAPACITOR-107PGM6R3M Datasheet
209Kb / 2P
   Small size ??7mm Height
107PGM6R3M ILLINOISCAPACITOR-107PGM6R3M Datasheet
132Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 107PGM6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M_13 Datasheet
184Kb / 2P
   105C, 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com