Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

224MTR400KB Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 224MTR400KB
Description  Axial Leaded Metallized Polyester Film Capacitors Reduced Size
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

224MTR400KB Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  224MTR400KB Datasheet HTML 1Page - Illinois Capacitor, Inc. 224MTR400KB Datasheet HTML 2Page - Illinois Capacitor, Inc. 224MTR400KB Datasheet HTML 3Page - Illinois Capacitor, Inc. 224MTR400KB Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-55˚C to +105˚C
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MTR
Axial Leaded Metallized
Polyester Film
Capacitors Reduced Size
• Small Size
• General Purpose
• Low AC Voltage
• High Reliability
63
40
100
63
250
160
400
200
630
220
1000
400
WVDC
VAC
AC voltage
Freq (kHz)
C
≤0.1µF
0.1µF<C
≤1µF 1µF<C≤68µF
1kHz
.08
.08
.1
.11
10kHz
.15
.15
--
100kHz
.3
---
WVDC
Capacitance
Insulation Resistance
≤100
≤0.33µF
>3750M
>100
≤0.33µF
≥30000MΩxµF
>100
>0.33µF
>10000M
ΩxµF
≤100
>0.33µF
>1250M
1
Terminal to terminal
160% of VDC applied for
2 Seconds and 25°C
≤5 Fit with 0.5xrated voltage at 40°C
Capacitance Change
<10% of initially measured value
Dissipation Factor
Insulation Resistance
<200% of maximum specified value
< .005 of minimum specified value
Reliability
(1 Fit= 1x10
9 failures/component hours)
Construction
Coating
Lead Terminations
Metallized Polyester Film
Lead Free Tinned Copper Leads
Flame Retardant Polyester Tape Wrap (UL510) with Epoxy End Fill (UL-94V0)
C>68µF
Dissipation Factor (%) at 20˚C.
<1 nano-Henry per mm of body length and lead length
Self inductance
Dielectric Strength
Insulation Resistance
@20°C (<70% RH)for 1 minute at 100VDC
applied
Operating Temperature Range
Capacitance Tolerance
L max
35.0 MIN
d
D
max
35.0 MIN
±10% at 1 kHz, 20°C
±5% optional


Similar Part No. - 224MTR400KB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
224MTR400KB ILLINOISCAPACITOR-224MTR400KB Datasheet
538Kb / 4P
   Reduced size Axial leaded metallized polyester film capacitors
More results

Similar Description - 224MTR400KB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102MTR102KA ILLINOISCAPACITOR-102MTR102KA_13 Datasheet
538Kb / 4P
   Reduced size Axial leaded metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
DMPE-RS MERITEK-DMPE-RS Datasheet
119Kb / 1P
   Metallized Polyester Film Capacitors-Reduced Size
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K_13 Datasheet
328Kb / 3P
   Axial leaded metallized polyester film capacitors
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
223MTB102KE ILLINOISCAPACITOR-223MTB102KE_13 Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K_13 Datasheet
226Kb / 2P
   Radial leaded metallized polyester film capacitors
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
logo
Suntan Capacitors
TS04A SUNTAN-TS04A_17 Datasheet
362Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04B SUNTAN-TS04B Datasheet
459Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR - AXIAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com