Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

685RZM050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 685RZM050M
Description  105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

685RZM050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  685RZM050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 685RZM050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 685RZM050M Datasheet HTML 3Page - Illinois Capacitor, Inc. 685RZM050M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
77
®
Note: For above D.F. specifications, add .02 for every 1,000 µF above 1,000 µF
I Up to 3,000 Hrs. of Load Life at +105°C
and at Full Rated Voltage and Ripple Current
I Low Impedance
I Low ESR
I Capacitance Range: .47 µF to 15,000 µF
I Voltage Range: 6.3 WVDC to 50 WVDC
I 100 kHz Operating Frequency Range
I Solvent Tolerant End Seals Standard
FEATURES
RZM
+105°C High
Frequency Radial
Lead Aluminum
Electrolytic Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
-55°C to +105°C
Leakage Current
± 20% at 120Hz, 20°C
Shelf Life
1,000 hours at +105°C with no voltage applied.
Units will meet load life specifications
Load Life
2,000 hours at +105°C with rated voltage and with ripple current, Case dia.(5.0, 6.3)
3,000 hours at +105°C with rated voltage and with ripple current, Case dia.(8.0 and larger)
Impedance Ratio
(Max.) @120Hz
-55°C/20°C
WVDC
For All Applications Including Switching Power Supplies
≤ 20% of initial measured value
≤ 200% of initial specified value
≤ initial specified value
Capacitance change
Dissipation factor
Leakage current
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
.26
.22
.18
.16
.14
.12
6.3
10
16
25
35
50
Time
WVDC
1 minute
.03 CV
≤ 50 WVDC
6
6
4
4
4
3
Temperature(°C)
+105
1.0
Frequency (Hz)
300
1K
10K
100K
.54
.62
.80
.71
.70
.76
.91
.85
.83
.87
.95
.90
1.0
1.0
1.0
1.0
270 < C
≤ 1000
C > 1000
.83
.91
.98
.90
.96
.98
1.0
1.0
1.0
1.0
+50
2.4
1.0
1.73
2.4
1.0
1.73
2.4
1.0
1.73
2.4
1.0
1.73
2.4
1.0
1.73
2.4
.72
.60
.51
.43
120
50
.30
.38
.48
.60
.68
.82
Capacitance (µF)
≤ 4.7
4.7< C
≤ 33
33 < C
≤ 100
100 < C
≤ 270
Ripple Current Multipliers
6.3
10
16
25
35
50
2.19
2.19
2.19
2.19
2.19
2.19
+65
+85
1.73
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo-Pack Cut, Formed, Cut and Formed, and Snap In Leads
(See pages 33 thru 37)


Similar Part No. - 685RZM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
685RZM050M ILLINOISCAPACITOR-685RZM050M Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 685RZM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M_13 Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M_13 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com