Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106RLS050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 106RLS050M
Description  85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106RLS050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  106RLS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 106RLS050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 106RLS050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
88
®
D
5.0
6.3
8.0
10.0
12.5
S
2.0
2.5
3.5
5.0
5.0
d
0.5
0.5
0.6
0.6
0.6
B
0.5
0.5
0.5
0.5
0.8
RLS
+ 85°C Low Leakage
Radial Lead Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
0.1
0.15
0.22
0.33
0.47
0.68
1
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
1000
(µF)
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
6.3x11
5x11
5x11
6.3x11
6.3x11
5x11
6.3x11
8x11.5
5x11
6.3x11
6.3x11
8x11.5
6.3x11
8x11.5
10x12.5
6.3x11
8x11.5
8x11.5
10x12.5
10x16
8x11.5
10x12.5
10x16
10x20
8x11.5
10x12.5
10x16
10x20
12.5x20
10x12.5
10x16
10x20
12.5x20
10x16
10x20
12.5x20
WVDC
(SV)
D
≤8.0, L1= L+1.0 Max.
D>8.0, L1= L+1.5 Max.
D1= D+B Max.
S1= S±.05mm Max.
DxL(mm)
Convert to inches, divide by 25.4
NOTE: Case Vent is standard on all diameter
≥8.0mm
PVC SLEEVE
d
S1
D1
L1
L
L
19.0 MIN
15.0 MIN
+
-
10
(13)
16
(20)
25
(32)
35
(44)
50
(63)
LEAD INFORMATION VS. CASE DIAMETER


Similar Part No. - 106RLS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106RLS050M ILLINOISCAPACITOR-106RLS050M Datasheet
231Kb / 2P
   85C Low Leakage Height Aluminum Electrolytic Capacitors
More results

Similar Description - 106RLS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M Datasheet
389Kb / 3P
   85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
01-Jan-2023
013RLC VISHAY-013RLC_16 Datasheet
108Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
Revision: 15-Jul-16
logo
Illinois Capacitor, Inc...
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com