Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTRX-3812M322 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTRX-3812M322
Description  Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTRX-3812M322 Datasheet(HTML) 2 Page - Finisar Corporation.

  FTRX-3812M322 Datasheet HTML 1Page - Finisar Corporation. FTRX-3812M322 Datasheet HTML 2Page - Finisar Corporation. FTRX-3812M322 Datasheet HTML 3Page - Finisar Corporation. FTRX-3812M322 Datasheet HTML 4Page - Finisar Corporation. FTRX-3812M322 Datasheet HTML 5Page - Finisar Corporation. FTRX-3812M322 Datasheet HTML 6Page - Finisar Corporation. FTRX-3812M322 Datasheet HTML 7Page - Finisar Corporation. FTRX-3812M322 Datasheet HTML 8Page - Finisar Corporation. FTRX-3812M322 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FTRX-3812M3xx Amplified DWDM XFP Product Specification – September 2007
F i n i s a r
© Finisar Corporation 28-September-2007
Rev C1
Page 2
Channel #
Product Code
Frequency (THz)
Center Wavelength (nm)
17*
FTRX-3812M317
191.7
1563.86
18*
FTRX-3812M318
191.8
1563.05
19*
FTRX-3812M319
191.9
1562.23
20*
FTRX-3812M320
192.0
1561.42
21
FTRX-3812M321
192.1
1560.61
22
FTRX-3812M322
192.2
1559.79
23
FTRX-3812M323
192.3
1558.98
24
FTRX-3812M324
192.4
1558.17
25
FTRX-3812M325
192.5
1557.36
26
FTRX-3812M326
192.6
1556.55
27
FTRX-3812M327
192.7
1555.75
28
FTRX-3812M328
192.8
1554.94
29
FTRX-3812M329
192.9
1554.13
30
FTRX-3812M330
193.0
1553.33
31
FTRX-3812M331
193.1
1552.52
32
FTRX-3812M332
193.2
1551.72
33
FTRX-3812M333
193.3
1550.92
34
FTRX-3812M334
193.4
1550.12
35
FTRX-3812M335
193.5
1549.32
36
FTRX-3812M336
193.6
1548.51
37
FTRX-3812M337
193.7
1547.72
38
FTRX-3812M338
193.8
1546.92
39
FTRX-3812M339
193.9
1546.12
40
FTRX-3812M340
194.0
1545.32
41
FTRX-3812M341
194.1
1544.53
42
FTRX-3812M342
194.2
1543.73
43
FTRX-3812M343
194.3
1542.94
44
FTRX-3812M344
194.4
1542.14
45
FTRX-3812M345
194.5
1541.35
46
FTRX-3812M346
194.6
1540.56
47
FTRX-3812M347
194.7
1539.77
48
FTRX-3812M348
194.8
1538.98
49
FTRX-3812M349
194.9
1538.19
50
FTRX-3812M350
195.0
1537.40
51
FTRX-3812M351
195.1
1536.61
52
FTRX-3812M352
195.2
1535.82
53
FTRX-3812M353
195.3
1535.04
54
FTRX-3812M354
195.4
1534.25
55
FTRX-3812M355
195.5
1533.47
56
FTRX-3812M356
195.6
1532.68
57
FTRX-3812M357
195.7
1531.90
58
FTRX-3812M358
195.8
1531.12
59
FTRX-3812M359
195.9
1530.33
60*
FTRX-3812M360
196.0
1529.55
61*
FTRX-3812M361
196.1
1528.77
*This channel is supported with limited availability -- Please contact Finisar for further details.


Similar Part No. - FTRX-3812M322

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRX-3812S317 FINISAR-FTRX-3812S317 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812S318 FINISAR-FTRX-3812S318 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812S319 FINISAR-FTRX-3812S319 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812S320 FINISAR-FTRX-3812S320 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812S321 FINISAR-FTRX-3812S321 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
More results

Similar Description - FTRX-3812M322

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M317 FINISAR-FTLX3815M317 Datasheet
934Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
   Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTRX-3812S317 FINISAR-FTRX-3812S317 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX1413M3BCL FINISAR-FTLX1413M3BCL Datasheet
624Kb / 11P
   10Gb/s, 10km XFP Optical Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com