Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX1841E2 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLX1841E2
Description  RoHS-6 Compliant 10Gb/s 1550nm Single Mode Datacom X2 ZR Transponder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1841E2 Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLX1841E2 Datasheet HTML 1Page - Finisar Corporation. FTLX1841E2 Datasheet HTML 2Page - Finisar Corporation. FTLX1841E2 Datasheet HTML 3Page - Finisar Corporation. FTLX1841E2 Datasheet HTML 4Page - Finisar Corporation. FTLX1841E2 Datasheet HTML 5Page - Finisar Corporation. FTLX1841E2 Datasheet HTML 6Page - Finisar Corporation. FTLX1841E2 Datasheet HTML 7Page - Finisar Corporation. FTLX1841E2 Datasheet HTML 8Page - Finisar Corporation. FTLX1841E2 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Finisar Corporation – August 2008 Rev. D1
Page 1
Product Specification
RoHS-6 Compliant
10Gb/s 1550nm Single Mode Datacom X2 ZR Transponder
FTLX1841E2
PRODUCT FEATURES
Hot pluggable X2 MSA form factor
Total power consumption: 4.0 W
maximum
RoHS-6 compliant (lead-free)
Temperature range 0°C to 70°C
Transmission distance of 80 km
Cooled 1550nm EML
SC connector, single mode fiber
Full duplex transmission mode
Digital Optics Monitoring (DOM)
Power supply: +5.0 V, +3.3 V,
Adaptable Power Supply (APS:
+1.2 V)
XAUI electrical interface
4 x 3.125 Gb/s Ethernet
(FTLX1841E2)
Management and control via MDIO
2-wire bus
70-pin connector
Separated signal/chassis ground
Mid Pak module variance for front
panel mounting
De-latch mechanism with low
extraction force
APPLICATIONS
10 Gb/s Ethernet transmission systems
for 80km Extended Range (ZR)
PRODUCT SELECTION
Part Number
Applications
FTLX1841E2
10G Ethernet


Similar Part No. - FTLX1841E2

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1811M3 FINISAR-FTLX1811M3 Datasheet
190Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1812M3BNL FINISAR-FTLX1812M3BNL Datasheet
545Kb / 11P
   Extended Temperature, 10Gb/s 80km TDM XFP Optical Transceiver
FTLX1812M3BTL FINISAR-FTLX1812M3BTL Datasheet
546Kb / 11P
   Extended Temperature, 10Gb/s 80km TDM XFP Optical Transceiver
FTLX1871D3BCL FINISAR-FTLX1871D3BCL Datasheet
702Kb / 12P
   10Gb/s 80km Single Mode SFP Transceiver
More results

Similar Description - FTLX1841E2

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1471D3BCL_VO1 FINISAR-FTLX1471D3BCL_VO1 Datasheet
658Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1461E2 FINISAR-FTLX1461E2 Datasheet
286Kb / 10P
   RoHS-6 Compliant 10Gb/s 1310nm Single Mode XENPAK Transponder
FTLX1475D3BCV FINISAR-FTLX1475D3BCV Datasheet
496Kb / 13P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
Rev. B1
FTLX1471D3BCL FINISAR-FTLX1471D3BCL Datasheet
619Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1374D3BCL FINISAR-FTLX1374D3BCL Datasheet
767Kb / 11P
   RoHS-6 Compliant 10Gb/s 1km Single Mode Datacom SFP Transceiver
FTLX1475D3BTL FINISAR-FTLX1475D3BTL Datasheet
542Kb / 12P
   RoHS-6 Compliant 10Gb/s 10km 1310nm Single Mode Datacom SFP Transceiver
FTLX2071D327 FINISAR-FTLX2071D327 Datasheet
699Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Bidirectional Datacom SFP Transceiver
FTLX1475D3BNL FINISAR-FTLX1475D3BNL Datasheet
610Kb / 12P
   RoHS-6 Compliant 10Gb/s 10km 1310nm Single Mode Datacom SFP Transceiver
FTLX2471DC0XX FINISAR-FTLX2471DC0XX Datasheet
684Kb / 12P
   RoHS-6 Compliant CWDM 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BCL FINISAR-FTLX1475D3BCL Datasheet
618Kb / 12P
   RoHS-6 Compliant 10Gb/s 10km 1310nm Single Mode Datacom SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com