Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLF1322F2KTR Datasheet(PDF) 10 Page - Finisar Corporation.

Part # FTLF1322F2KTR
Description  OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1322F2KTR Datasheet(HTML) 10 Page - Finisar Corporation.

Back Button FTLF1322F2KTR Datasheet HTML 2Page - Finisar Corporation. FTLF1322F2KTR Datasheet HTML 3Page - Finisar Corporation. FTLF1322F2KTR Datasheet HTML 4Page - Finisar Corporation. FTLF1322F2KTR Datasheet HTML 5Page - Finisar Corporation. FTLF1322F2KTR Datasheet HTML 6Page - Finisar Corporation. FTLF1322F2KTR Datasheet HTML 7Page - Finisar Corporation. FTLF1322F2KTR Datasheet HTML 8Page - Finisar Corporation. FTLF1322F2KTR Datasheet HTML 9Page - Finisar Corporation. FTLF1322F2KTR Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FTLF1322F2xTR 2x5 Pin SFF Product Specification – October 2006
F i n i s a r
© Finisar Corporation October, 2006 Rev C
Page 10
X.
References
1.
Small Form Factor (SFF) Transceiver Multisource Agreement (MSA). January
1998.
2.
Bellcore GR-253 and ITU-T G.957 Specifications (Transmitter Optical Output
Power complies with SONET OC-48 requirements only).
3.
IEEE Std 802.3, 2002 Edition, Clause 38, PMD Type 1000BASE-LX.
IEEE Standards Department, 2002. (Transmit Optical Output has a minimum
Extinction Ratio of 8.2 dB only).
4.
Directive 2002/95/EC of the European Council Parliament and of the Council.
“On the restriction of the use of certain hazardous substances in electrical and
electronic equipment”. January 27, 2003.
5.
“Application Note AN-2038: Finisar Implementation of RoHS Compliant
Transceivers: Finisar Corporation, January 21, 2005.
6.
“Fibre Channel Draft Physical Interface Specification (FC-PI 13.0)”. American
National Standard for Information Systems.
(*)
XI.
For More Information
Finisar Corporation
1308 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. 1-408-548-1000
Fax 1-408-541-6138
sales@finisar.com
www.finisar.com


Similar Part No. - FTLF1322F2KTR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLF1322F2XTR FRONTIER-FTLF1322F2XTR Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FTLF1322F2XTR FINISAR-FTLF1322F2XTR Datasheet
240Kb / 10P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
More results

Similar Description - FTLF1322F2KTR

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1322F2XTR FINISAR-FTLF1322F2XTR Datasheet
240Kb / 10P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
FTLF1322S2GTR FINISAR-FTLF1322S2GTR Datasheet
248Kb / 11P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x10 SFF Transceiver
FTLF1323F2XTR FINISAR-FTLF1323F2XTR Datasheet
246Kb / 10P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
FTLF1323F2GTR FINISAR-FTLF1323F2GTR Datasheet
217Kb / 10P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
FTLF1323S2GTR FINISAR-FTLF1323S2GTR Datasheet
248Kb / 11P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x10 SFF Transceiver
FTRJ1322P1WTR FINISAR-FTRJ1322P1WTR Datasheet
670Kb / 11P
   OC-12 IR-1/STM S-4.1 Multirate Pluggable SFP Transceiver
FTLF1322P1TR FINISAR-FTLF1322P1TR Datasheet
687Kb / 11P
   OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1322P1WTR FINISAR-FTLF1322P1WTR Datasheet
648Kb / 11P
   OC-12 IR-1/STM S-4.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1422P1WTL FINISAR-FTRJ1422P1WTL Datasheet
669Kb / 11P
   OC-12 LR-1/STM L-4.1 Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com