Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

154PPR630KH Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 154PPR630KH
Description  Small Size Polypropylene Film Capacitors for High Pulse Current Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

154PPR630KH Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  154PPR630KH Datasheet HTML 1Page - Illinois Capacitor, Inc. 154PPR630KH Datasheet HTML 2Page - Illinois Capacitor, Inc. 154PPR630KH Datasheet HTML 3Page - Illinois Capacitor, Inc. 154PPR630KH Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
192
®
Small Size Polypropylene
Film Capacitors for High
Pulse Current Applications
PPR
Snubber Capacitor for Energy Conversion
in Power Semiconductor Circuits.
SCR Commutation
TV Deflection Circuits
SMPS Protection Circuits
Electronic Ballasts
High Voltage
High Current
High Pulse Current Applications
Operating Temperature Range
Capacitance Tolerance
+/- 10% at 1kHz, 20˚C
Dissipation Factor
(max) at 20˚C.
Insulation Resistance
@20˚C(<70% RH)
for 1 minute at 100VDC
Dielectric Strength
160% of rated VDC for 2 seconds at 20°C between leads
Load Life
2000 hours at 85°C±2°C with 125% of rated voltage
Self inductance
<1nH/mm of capacitor lead spacing.
Capacitance drift
<0.5% up to 40°C after 2 years
Temperature Coefficient
-200ppm/˚C +/- 100ppm/˚C
Reliability
fit=1x109
Failures/component hours.
Applied Voltage=0.5xVDC
Temperature=+40°C±2°C
Dielectric
Polypropylene
Electrodes
Vacuum deposited metal layers
Construction
Extended double metallized carrier film, internal series
connections and metallized film.
Leads
Tinned copper leads.
Coating
Solvent resistant plastic box (UL 94V-1) with epoxy end fills (UL 94V-0)
630
1000
1600
2000
400
600
650
700
WVDC
VAC
Rated Voltage
C
≤0.1µF
0.1µF>C
≤1µF
C>1µF
1
.03%
.03%
.04%
10
.05%
.06%
-
100
.15%
-
-
-55˚C to +105˚C
≥100,000MΩ
≥30,000MΩ x µF
≤2% change from initial value
≤0.1% at 10kHz and 25°C for C≤1µF
≤0.1% at 1kHz and 25°C for C>1µF
DC: For T>85°C voltage must be rated by 1.25% for every °C above 85°C
AC: For T>75°C voltage must be rated by 1.35% for every °C above 75°C
C
≤0.33µF
C>0.33µF
Capacitance change
Dissipation Factor
Insulation Resistance
≥50% of specified value
≤1FIT
Capacitance change
Dissipation Factor
Insulation Resistance
≤10% change from initial value
>2x initial specified value.
<0.005x initial specified value.
Freq (kHz)


Similar Part No. - 154PPR630KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
154PPR630KH ILLINOISCAPACITOR-154PPR630KH Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
154PPR630KH ILLINOISCAPACITOR-154PPR630KH Datasheet
343Kb / 3P
   High Pulse Currents - High voltage
More results

Similar Description - 154PPR630KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE_13 Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Jianghai Europe GmbH
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161IL JIANGHAI-CBB161IL Datasheet
548Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
CBB165IS JIANGHAI-CBB165IS Datasheet
537Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
logo
Cornell Dubilier Electr...
DPFF2S12J-F CDE-DPFF2S12J-F Datasheet
133Kb / 3P
   High AC Current Polypropylene Film Capacitors
943C CDE-943C Datasheet
283Kb / 5P
   Polypropylene Capacitors, for High Pulse, Snubber
logo
Jianghai Europe GmbH
CBB136DP JIANGHAI-CBB136DP Datasheet
566Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com