Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

473PPB202K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 473PPB202K
Description  Polypropylene Film Capacitors for Power Semiconductor Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

473PPB202K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  473PPB202K Datasheet HTML 1Page - Illinois Capacitor, Inc. 473PPB202K Datasheet HTML 2Page - Illinois Capacitor, Inc. 473PPB202K Datasheet HTML 3Page - Illinois Capacitor, Inc. 473PPB202K Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PPB
Polypropylene Film
Capacitor for Power
Semiconductor Circuits
PHYSICAL DIMENSIONS
400
(200)
250
(160)
WVDC
(VAC)
µF
630
(400)
1,000
(630)
1,600
(650)
2,000
(700)
Convert to inches, divide by 25.4
L
d
S ± 0.4
T
LL
L
S
d
LL
18
26.5
32
42.5
15
22.5
27.5
37.5
0.8
0.8
0.8
1.0
5.0±1.0 5.0±1.0 30±5.0 30±5.0
LxHxT (mm)
0.001
26.5x15x6, 18x11x5
0.0015
26.5x15x6, 18x11x5
0.0022
18x11x5
26.5x15x6, 18x12x6
0.0033
18x11x5
18x12x6
18x13.5x7.5
26.5x15x6
0.0047
18x11x5
18x11x5
18x13.5x7.5
18x14.5x8.5
26.5x15x6
0.0068
18x11x5
18x11x5
18x14.5x8.5
18x16x10
26.5x15x6
0.01
18x11x5
26.5x15x6
18x12x6
26.5x17x8.5
18x12x6
26.5x15x6
0.015
18x11x5
18x13.5x7.5
26.5x16x7
26.5x18.5x10
26.5x15x6
0.022
18x12x6
18x14.5x8.5
26.5x17x8.5
26.5x22x13
26.5x15x6
32x20x11
0.033
18x11x5
18x13.5x7.5
26.5x16x7
26.5x18.5x10
32x22x13
0.047
18x11x5
18x12x6
18x16x10
26.5x17x8.5
26.5x22x13
32x24.5x15
26.5x15x6
32x20x11
0.068
18x12x6
18x13.5x7.5
26.5x16x7
26.5x18.5x10
32x22x13
32x28x14
0.1
18x13.5x7.5
18x14.5x8.5
26.5x17x8.5
26.5x22x13
32x28x14
32x33x18
32x20x11
42.5x28x17
0.15
18x14.5x8.5
18x16x10
26.5x20x11
32x22x13
32x33x18
42.5x30x22
26.5x16x7
32x20x11
42.5x28x17
0.22
18x16x10
26.5x18.5x10
32x22x13
32x28x14
42.5x28x17
42.5x37x28
26.5x15x6
0.33
26.5x17x8.5
26.5x20x11
32x24.5x15
32x33x18
42.5x30x22
32x17x9
42.5x28x17
0.47
26.5x18.5x10
26.5x22x13
32x33x18
42.5x30x22
42.5x37x28
32x22x13
42.5x28x17
0.68
26.5x20x11
32x24.5x15
42.5x28x17
42.5x37x28
32x20x11
1
32x20x11
32x33x18
42.5x30x22
42.5x37x28
26.5x22x13
42.5x28x17
1.5
32x24.5x15
42.5x28x17
42.5x37x28
2.2
32x28x14
42.5x30x22
42.5x28x17
3.3
42.5x30x22
42.5x37x28
4.7
42.5x30x22
6.8
42.5x37x28
189


Similar Part No. - 473PPB202K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473PPB202K ILLINOISCAPACITOR-473PPB202K Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
473PPB202K ILLINOISCAPACITOR-473PPB202K Datasheet
428Kb / 3P
   High Pulse Currents - High voltage
More results

Similar Description - 473PPB202K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473PMB302KP2 ILLINOISCAPACITOR-473PMB302KP2 Datasheet
376Kb / 3P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
682PPS302KG ILLINOISCAPACITOR-682PPS302KG Datasheet
386Kb / 5P
   Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
472PPA302KG ILLINOISCAPACITOR-472PPA302KG Datasheet
391Kb / 5P
   Polypropylene Film Capacitors for Power
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com