Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLF8519F2KNL Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTLF8519F2KNL
Description  2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8519F2KNL Datasheet(HTML) 5 Page - Finisar Corporation.

  FTLF8519F2KNL Datasheet HTML 1Page - Finisar Corporation. FTLF8519F2KNL Datasheet HTML 2Page - Finisar Corporation. FTLF8519F2KNL Datasheet HTML 3Page - Finisar Corporation. FTLF8519F2KNL Datasheet HTML 4Page - Finisar Corporation. FTLF8519F2KNL Datasheet HTML 5Page - Finisar Corporation. FTLF8519F2KNL Datasheet HTML 6Page - Finisar Corporation. FTLF8519F2KNL Datasheet HTML 7Page - Finisar Corporation. FTLF8519F2KNL Datasheet HTML 8Page - Finisar Corporation. FTLF8519F2KNL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FTLF8519F2xNL 2x5 Pin SFF Product Specification – December 2005
V. General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Data Rate
BR
1.062,
1.25
2.125
Gb/sec
1
Bit Error Rate
BER
10
-12
4
Fiber Length on 50/125
μm MMF
L
500
300
m
2
3
Fiber Length on 62.5/125
μm MMF
L
300
150
m
2
3
Notes:
1.
Gigabit Ethernet and 1x, 2x Fibre Channel compatible per IEEE 802.3 and FC-PI-2 10.0 respectively.
Typical maximum data rate extends to 2.5Gb/s.
2.
At 1.0625 Gb/s Fibre Channel and 1.25 Gb/s Gigabit Ethernet data rates.
3.
At 2.125 Gb/s Fibre Channel data rate.
4.
At 1.0625, 1.25, and 2.125Gb/s with PRBS 2
7-1.
VI.
Environmental Specifications
FTLF8519F2xNL SFF transceivers have an extended operating temperature range from
-10°C to +85°C case temperature.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
-10
85
°C
Storage Temperature
Tsto
-40
85
°C
Notes:
1.
SFF transceivers may be water washed. However, the process must be followed by a baking step at
80°C for one hour, to ensure the drying of any water which may be trapped inside then shells of the
modules.
VII.
Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations.
These products are certified by TÜV and CSA to meet the Class 1 eye safety
requirements of EN (IEC) 60825 and the electrical safety requirements of
EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request.
© Finisar Corporation December 4, 2005 Rev B
Page 5


Similar Part No. - FTLF8519F2KNL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8519F2KNL FINISAR-FTLF8519F2KNL Datasheet
289Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
More results

Similar Description - FTLF8519F2KNL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8519F2XNL FINISAR-FTLF8519F2XNL Datasheet
289Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GCL FINISAR-FTLF8519F2GCL Datasheet
242Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2XTL FINISAR-FTLF8519F2XTL Datasheet
263Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GTL FINISAR-FTLF8519F2GTL Datasheet
335Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2XCL FINISAR-FTLF8519F2XCL Datasheet
314Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519P3BNL FINISAR-FTLF8519P3BNL Datasheet
469Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WCL FINISAR-FTLF8519P2WCL Datasheet
794Kb / 10P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BYL FINISAR-FTLF8519P3BYL Datasheet
641Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WTL FINISAR-FTLF8519P2WTL Datasheet
817Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BTL FINISAR-FTLF8519P3BTL Datasheet
669Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com