Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

158RZM6R3M1315 Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 158RZM6R3M1315
Description  105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

158RZM6R3M1315 Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  158RZM6R3M1315 Datasheet HTML 1Page - Illinois Capacitor, Inc. 158RZM6R3M1315 Datasheet HTML 2Page - Illinois Capacitor, Inc. 158RZM6R3M1315 Datasheet HTML 3Page - Illinois Capacitor, Inc. 158RZM6R3M1315 Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
78
®
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1,000
1,500
2,200
3,300
4,700
6,800
10,000
15,000
D
5.0
6.3
8.0
10.0
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
RZM
+ 105°C High Frequency
Radial Lead Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
6.3
(7.9)
(µF)
L
≤16, L1=L+1.5 mm Max.
L >16, L1=L+2.0 mm Max.
D1=D +B Max.
S1=S ± 0.5 mm Max.
D=12.5 and L>25
d=0.8 mm
50
(63)
35
(44)
25
(32)
16
(20)
10
(13)
PVC SLEEVE
S1
D1
L
19.0 MIN
15.0 MIN
L
-
d
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
6.3x11
5x11
6.3x11
5x11
6.3x11
8x11.5
5x11
6.3x11
8x11.5
6.3x11
6.3x15
8x11.5
8x15,
10x12.5
10x16
6.3x11
8x11.5
10x12.5
10x16
6.3x11
8x11.5
10x12.5
10x16
10x20,
16x15
8x11.5
10x12.5
10x16
10x20,
16x15
12.5x20, 18x15
10x12.5
10x16
10x16
18x15,
12.5x20 12.5x25, 16x20
10x12.5
10x16
10x20,
16x15
12.5x20,
18x15 12.5x25, 16x20
16x25
10x20,
12.5x15
18x15,
12.5x20 12.5x25,
16x20
16x40,
18x31.5
12.5x20,
18x15 12.5x25,
16x20
16x31.5
18x35.5
12.5x20,
18x15
12.5x25, 16x20
16x31.5
18x35.5
16x25,
18x20
16x25
16x31.5
18x35.5
18x40
16x25
16x31.5
18x35.5
16x31.5
18x35.5
18x40
18x35.5
18x40
L1
NOTE: Case Vent is standard on all diameter
≥8.0mm
10x20,
12.5x20,
16x15
DxL(mm)
Convert to inches, divide by 25.4
16x25,
18x20
12.5x20,
16x15
12.5x40,
16x25,
18x20
WVDC
(SV)
12.5x20,
16x15
12.5x40,
16x25,
18x20
LEAD INFORMATION V.S. CASE DIAMETER
+


Similar Part No. - 158RZM6R3M1315

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
158RZM6R3M1315 ILLINOISCAPACITOR-158RZM6R3M1315 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 158RZM6R3M1315

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M_13 Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M_13 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com