Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

224PPA302KD31 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 224PPA302KD31
Description  Polypropylene Film Capacitors for Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

224PPA302KD31 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  224PPA302KD31 Datasheet HTML 1Page - Illinois Capacitor, Inc. 224PPA302KD31 Datasheet HTML 2Page - Illinois Capacitor, Inc. 224PPA302KD31 Datasheet HTML 3Page - Illinois Capacitor, Inc. 224PPA302KD31 Datasheet HTML 4Page - Illinois Capacitor, Inc. 224PPA302KD31 Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
216
®
Polypropylene Film
Capacitors for Power
Semiconductor Circuits
PPA
Operating Temperature
Range
Capacitance Tolerance
+/- 10% at 1kHz, 20˚C
Dissipation Factor
(max) at 20˚C.
Insulation Resistance
@20˚C(<70% RH)
for 1 minute at 100VDC
Dielectric Strength
200% of rated VDC for 10 seconds at 20°C between leads
3KV at 60Hz for 60 seconds between leads and case.
Self inductance
<1nH/mm of body length and lead wire length.
Capacitance drift
<1.0% up to 40˚C after 2 years
Temperature Coefficient
-200ppm/˚C +/- 100ppm/˚C
Life Expectancy
≥30000 hours @VAC at 70°C
Capacitance change (typical) -3%
≥100,000 hours @WVDC at 70°C
Failure rate
300/billion component hours
Dielectric
Polypropylene
Electrodes
Vacuum deposited metal layers
Construction
Extended double metallized carrier film with internal series
connections and metallized film
Leads
Tinned copper leads.
Coating
Flame retardant polyester tape wrap (UL510)
with epoxy end seals (UL94 V-0)
700
850
1000
1200
1500
2000
2500
3000
1000
1200
1400
1600
2000
2400
3000
3500
380
450
480
500
575
630
700
750
VDC
SVDC
VAC
Rated Voltage
-40˚C to +85˚C
> 30,000M
Ω x µF. Not to exceed 30,000MΩ
Snubber Capacitor for Energy Conversion
in Power semiconductor Circuits
SMPS
Induction heaters
High Voltage
High current
High Pulse Current Applications
Freq (kHz)
C
≤1µF
C>1µF
1
.05%
.06%


Similar Part No. - 224PPA302KD31

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
224PPA302KD31 ILLINOISCAPACITOR-224PPA302KD31 Datasheet
482Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
224PPA302KD31 ILLINOISCAPACITOR-224PPA302KD31 Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
More results

Similar Description - 224PPA302KD31

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473PMB302KP2 ILLINOISCAPACITOR-473PMB302KP2 Datasheet
376Kb / 3P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
102PPB202K ILLINOISCAPACITOR-102PPB202K Datasheet
391Kb / 4P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
682PPS302KG ILLINOISCAPACITOR-682PPS302KG Datasheet
386Kb / 5P
   Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
TPPN MERITEK-TPPN Datasheet
107Kb / 1P
   Polypropylene Film Capacitors
logo
Jianghai Europe GmbH
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com