Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTRX-3811-355 Datasheet(PDF) 9 Page - Finisar Corporation.

Part # FTRX-3811-355
Description  10Gb/s DWDM 80km XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTRX-3811-355 Datasheet(HTML) 9 Page - Finisar Corporation.

Back Button FTRX-3811-355 Datasheet HTML 5Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 6Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 7Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 8Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 9Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 10Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 11Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 12Page - Finisar Corporation. FTRX-3811-355 Datasheet HTML 13Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FTRX-3811-3xx DWDM XFP Product Specification – September 2007
F i n i s a r
© Finisar Corporation 28-September-2007
Rev C1
Page 9
IX.
Mechanical Specifications
Finisar’s XFP transceivers are compliant with the dimensions defined by the XFP Multi-
Sourcing Agreement (MSA).
77.95
18.35
22.15
8.50
13.30
1.95
39.00
16.00
R1.00
20.85
LATCHED
UNLATCHED
XFP Transceiver (dimensions are in mm)


Similar Part No. - FTRX-3811-355

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M318 FINISAR-FTRX-3812M318 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M319 FINISAR-FTRX-3812M319 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M320 FINISAR-FTRX-3812M320 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M321 FINISAR-FTRX-3812M321 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results

Similar Description - FTRX-3811-355

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
   Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M317 FINISAR-FTLX3815M317 Datasheet
934Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com