Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337RZS035M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 337RZS035M
Description  105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337RZS035M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  337RZS035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 337RZS035M Datasheet HTML 2Page - Illinois Capacitor, Inc. 337RZS035M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
83
®
.55
RZS
+105°C High Frequency
Radial Lead Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
220
63
227RZS063M
0.377
1080
.14/.08
330
6.3
337RZS6R3M
1.005
360
.35/.27
330
16
337RZS016M
0.502
520
.21/.18
330
25
337RZS025M
0.402
700
.12/.1
330
35
337RZS035M
0.352
840
.09/.07
330
50
337RZS050M
0.301
1030
.09/.05
330
63
337RZS063M
0.251
1270
.08/.06
470
6.3
477RZS6R3M
0.705
490
.26/.23
470
16
477RZS016M
0.353
700
.12/.11
470
35
477RZS035M
0.247
1090
.08/.05
470
50
477RZS050M
0.212
1350
.06/.05
1,000
10
108RZS010M
0.249
900
.11/.11
1,000
16
108RZS016M
0.166
1150
.09/.09
1,000
25
108RZS025M
0.133
1320
.06/.06
2,200
6.3
228RZS6R3M
0.151
1090
.07/.07
2,200
10
228RZS010M
0.113
1520
.05/.05
2,200
16
228RZS016M
0.075
1780
.05/.05
22
50
226RZS050M
4.52
150
1.35/.6
22
63
226RZS063M
3.768
200
1.35/.6
33
35
336RZS035M
3.517
180
.9/.53
33
63
336RZS063M
2.512
240
.9/.5
47
35
476RZS035M
2.469
210
.8/.53
47
50
476RZS050M
2.116
260
.8/.5
47
63
476RZS063M
1.764
310
.8/.5
100
16
107RZS016M
1.658
240
.54/.45
100
25
107RZS025M
1.326
310
.36/.27
100
35
107RZS035M
1.161
370
.35/.23
100
50
107RZS050M
0.995
450
.3/.1
100
63
107RZS063M
0.829
540
.3/.1
220
6.3
227RZS6R3M
1.507
250
.48/.45
220
16
227RZS016M
0.754
400
.29/.26
220
25
227RZS025M
0.603
540
.15/.14
220
35
227RZS035M
0.528
650
.15/.1
220
50
227RZS050M
0.452
820
.14/.08
PART
NUMBER
Maximum
ESR
+20°C,
120Hz
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
100kHz,+105°C
WVDC
Impedance
20°C
10k/100kHz
Ripple Current Multiplier
NOTE: When operated at temperatures below +105°C or at frequencies below
10kHz-100kHz, RMS Ripple current may be varied according to the multiplier
values listed below. Peak Voltage not to exceed rated DC voltage.
Caution: The surface temperature of the Capacitor shall not rise more than 10°C
above the ambient temperature and shall never exceed +105°C.
Ripple Current Multipliers
6.3-16
25-35
50-63
120
400
1K
100K
.54
.43
.39
85
.73
.71
.95
.88
.86
1.0
1.0
1.0
1.0
+105°C
1.0
1.0
1.0
+85°C
2.20
2.20
2.20
+70°C
2.83
2.83
2.83
Frequency(Hz)
Temperature(°C)
(WVDC)
1.0
1.0
60
10K
.57
.70
10x12.5
10x16
10x12.5
10x16
10x12.5
10x16
10x20
10x12.5
10x16
10x20
12.5x20
12.5x25
10x12.5
10x16
12.5x20
12.5x25
16x25
Dimensions
DxL
(mm)
16x31.5
10x16
10x20
12.5x25
16x25
16x31.5
16x35.5
10x20
12.5x20
16x25
16x35.5
12.5x25
16x25
16x31.5
16x25
16x31.5
16x35.5
Capacitance
(µF)
WVDC
PART
NUMBER
Maximum
ESR
+20°C,
120Hz
Maximum RMS
Ripple Current
(mA)
100kHz,+105°C
Impedance
20°C
10k/100kHz
Dimensions
DxL
(mm)


Similar Part No. - 337RZS035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337RZS035M ILLINOISCAPACITOR-337RZS035M Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 337RZS035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M_13 Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M_13 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com