Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337RZS050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 337RZS050M
Description  105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337RZS050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  337RZS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 337RZS050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 337RZS050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
81
®
I High Ripple Current
I Low Impedance
I Low ESL and ESR
I 100 kHz Operating Frequency Range
I Capacitance Range 22 µF to 2,200 µF
I Voltage Range 6.3 WVDC to 63 WVDC
I Solvent Tolerant End Seals Standard
FEATURES
RZS
+105°C High
Frequency Radial
Lead Aluminum
Electrolytic Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel Tape Ammo Pack Cut, Formed, Cut and Formed and Snap In Leads
Epoxy end seal Mylar
® Polyester Sleeve
-55°C to +105°C
± 20% at 120Hz, 20°C
Shelf Life
≤ 20% initial readings
≤ 250% of initial specified value
≤ 200% of initial specified value
Load Life
2,000 hours + 105°C with rated voltage
For Switching Power Supplies
Impedance Ratio
(Max.) @120Hz
-55°C/20°C
2.0
1.5
1.5
1.5
1.5
1.5
1.5
WVDC
Leakage Current
2 minutes
Time
.01 CV or 3 µA
whichever is greater
WVDC
≤ 63 WVDC
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
6.3
10
16
25
35
50
63
≤ 20% of initial measured value
≤ 200% of initial specified value
≤ initial specified value
Capacitance change
Dissipation factor
Leakage current
Capacitance change
Dissipation factor
Leakage current
1,000 hours at +105°C with no voltage applied.
Note: For above D.F. specifications, add .02 for every
1,000 µF above 1,000 µF
(See pages 33 thru 37)
6.3
10
16
25
35
50
63
.2
.15
.1
.08
.07
.06
.05


Similar Part No. - 337RZS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337RZS050M ILLINOISCAPACITOR-337RZS050M Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 337RZS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M_13 Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M_13 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com