Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

225TTA160M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 225TTA160M
Description  85째C Standard Axial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

225TTA160M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  225TTA160M Datasheet HTML 1Page - Illinois Capacitor, Inc. 225TTA160M Datasheet HTML 2Page - Illinois Capacitor, Inc. 225TTA160M Datasheet HTML 3Page - Illinois Capacitor, Inc. 225TTA160M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
97
®
Operating Temperature Range
10
16
25
35
50
63
80
100
160
250
350
450
.20
.16
.14
.12
.10
.09
.09
.08
.20
.20
.20
.25
1 minute
2 minutes
1 minute
Load Life
2,000 hours at 85°C with rated WVDC
< 20% of initial measured value
<200% of initial specified value
<Initial specified value
Capacitance change
Dissipation factor
Leakage current
FEATURES
TTA
+85°C Standard Axial
Lead Aluminum
Electrolytic
Capacitors
Capacitance Tolerance
Leakage Current
Shelf life
.03 CV or 4 µA
.01 CV or 3 µA
whichever is greater
1,000 hours at 85°C with no voltage applied.
Units will meet load life specification.
-40°C to +85°C
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
Note: For above D.F. specifications, add .02 for every 1,000 µF above 1,000 µF
Impedance Ratio
(Max.) @120Hz
-25°C/20°C
-40°C/20°C
10
16
25
35
50
63
80
100
160
250
350
450
3
2
2
2
2
2
223
3
3
5
8
6
4
3
3
3
336
6
6
-
WVDC
≤ 100 WVDC
100 < WVDC
≤ 450
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel Epoxy end seal Polyester sleeve
CV
≤ 1000
CV> 1000
.04 CV + 100µA
0.1 CV + 40µA
I High ripple current ratings
I Wide capacitance range:
0.47 µF to 22,000 µF
I Wide voltage range: 10 WVDC to 450 WVDC
I Solvent tolerant end seals standard
(
≤ 250 WVDC)
For all general purpose applications
Time
WVDC
Capacitance
(µF)
Frequency (Hz)
50
0.8
0.8
0.8
0.8
120
1.0
1.0
1.0
1.0
400
1.3
1.23
1.16
1.11
1k
1.45
1.36
1.25
1.17
10k
1.65
1.48
1.35
1.25
50k +
1.7
1.53
1.38
1.28
C
≤10
10<C
≤100
100<C
≤1000
C>1000
Temperature (°C)
+85
1.0
1.0
1.0
1.0
+70
1.3
1.3
1.3
1.3
+60
1.5
1.5
1.5
1.5
+30
1.8
1.8
1.8
1.8
Ripple Current Multipliers
(See Pages 33 thru 37)
-25°C to
+85°C
±20% at 120Hz, 20°C
SPECIFICATIONS


Similar Part No. - 225TTA160M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
225TTA160M ILLINOISCAPACITOR-225TTA160M Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
225TTA160M ILLINOISCAPACITOR-225TTA160M Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
225TTA160M ILLINOISCAPACITOR-225TTA160M Datasheet
291Kb / 3P
   Axial lead - High voltage
225TTA160M ILLINOISCAPACITOR-225TTA160M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
225TTA160M ILLINOISCAPACITOR-225TTA160M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 225TTA160M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
   125째C Axial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
041ASH VISHAY-041ASH_V01 Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard, High Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com