Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-1631-40 Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FTR-1631-40
Description  DWDM GBIC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTR-1631-40 Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FTR-1631-40 Datasheet HTML 2Page - Finisar Corporation. FTR-1631-40 Datasheet HTML 3Page - Finisar Corporation. FTR-1631-40 Datasheet HTML 4Page - Finisar Corporation. FTR-1631-40 Datasheet HTML 5Page - Finisar Corporation. FTR-1631-40 Datasheet HTML 6Page - Finisar Corporation. FTR-1631-40 Datasheet HTML 7Page - Finisar Corporation. FTR-1631-40 Datasheet HTML 8Page - Finisar Corporation. FTR-1631-40 Datasheet HTML 9Page - Finisar Corporation. FTR-1631-40 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FTR-1631-XX DWDM GBIC Preliminary Product Specification
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 6
Rev J, August 2004
V.
Optical Parameters
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
TRANSMITTER CHARACTERISTICS
Center Wavelength Spacing
100
GHz
Corresponds to
approximately 0.8 nm
Spectral Width
∆λ 20
0.2
0.3
nm
Full width, -20dB from
max
Transmitter Center Wavelength –
End of Life
λ
c
X - 100
X
X + 100
pm
X = specified center
wavelength
Transmitter Center Wavelength –
Start of Life
λ
c
X - 80
X-50
X-20
pm
X = specified center
wavelength
Side Mode Suppression Ratio
(SMSR)
SMSR
30
dB
Modulated
Optical Rise/Fall Time
tr / tf
160
ps
Unfiltered, 80% -20%
Transmitter Optical Output Power
Pout
0
+4
dBm
Average power coupled
into single mode fiber
Transmitter Extinction Ratio
OMI
8.2
dB
Transmitter Eye Opening
10
%
OC-48 eye mask margin
Transmitter Jitter
75
mUI
Parameters per GR-253
4
section 5.6 for OC-48 B
RECEIVER CHARACTERISTICS
Optical Input Wavelength
Pin
1520
1570
nm
Receiver Jitter Generation
75
mUI
Parameters per GR-253
4
section 5.6 for OC-48 B
Optical Input Power
(BER < 10
-9)
Pin
-29
-6
dBm
2.5 Gb/s w/
PRBS 2
23 -1
Optical Input Power
(BER < 10
-12)
Pin
-27
-6
dBm
2.5 Gb/s w/
PRBS 2
23 -1
Optical Input Power –
Receiver Damage Threshold
6
dBm
Receiver Reflectance
RRX
-27
dB
Dispersion Penalty
3.0
dB
2400ps/nm. See note 3
OSNR Limit
OSNRmin
20
dB
OSNR Penalty
1.0
dB
For OSNR = OSNRmin
See note 4
Note 1: Parameters are specified over temperature and voltage, at end of life unless otherwise noted.
Note 2: All parameters are measured on a Finisar GBIC Evaluation Card unless otherwise noted.
Note 3: Dispersion penalty is measured in loop back. Data rate and pattern used same as specified for Optical
Input Power. Dispersion penalty is measured at BER = 10
-10
Note 4: OSNR penalty is measured in loop back. Data rate and pattern used same as specified for Optical Input
Power. OSNR penalty is measured at BER = 10
-10


Similar Part No. - FTR-1631-40

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-49 FINISAR-FTR-1619-49 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-51 FINISAR-FTR-1619-51 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-53 FINISAR-FTR-1619-53 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-55 FINISAR-FTR-1619-55 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
More results

Similar Description - FTR-1631-40

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com