Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

226SVF025M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 226SVF025M
Description  85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226SVF025M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  226SVF025M Datasheet HTML 1Page - Illinois Capacitor, Inc. 226SVF025M Datasheet HTML 2Page - Illinois Capacitor, Inc. 226SVF025M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
I Very small size
I Capacitance range: 0.1 µF to 330 µF
I Voltage range: 4 WVDC to 50 WVDC
I Solvent tolerant end seals standard
FEATURES
SVF
+85°C 5mm Height
Low Profile Radial
Lead Aluminum
Electrolytic Capacitors
For all general purpose applications
Operating Temperature Range
4
6.3
10
16
25
35
50
.35
.24
.20
.16
.14
.12
.10
2 minutes
Load Life
1,000 hours at 85°C with rated WVDC
< 20% of initial measured values
<200% of initial specified value
<Initial specified value
Capacitance change
Dissipation factor
Leakage current
SPECIFICATIONS
Capacitance tolerance
±20% at 120Hz, 20°C
Leakage current
Shelf Life
.01 CV or 3 µA
whichever is greater
1,000 hours at 85°C with no voltage applied.
Units will meet load life specifications.
Dissipation Factor
120Hz, 25°C
tan
δ
WVDC
Impedance Ratio
(Max.) @120Hz
-25/20°C
-40/20°C
74
3
2
2
2
2
15
8
6
4
4
3
3
WVDC
-40°C to +85°C
WVDC
≤50 WVDC
Time
Ripple Current Multipliers
Frequency (Hz)
50
120
400
1K
10K
100K
0.8
1.0
1.3
1.45
1.65
1.7
Temperature (°C)
+85
1.0
+70
1.3
+60
1.5
+30
1.8
4
6.3
10
16
25
35
50
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo-Pack Cut, Formed, Cut and Formed, and Snap In Leads
(See pages 33 thru 37)


Similar Part No. - 226SVF025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226SVF025M ILLINOISCAPACITOR-226SVF025M Datasheet
199Kb / 2P
   85C Low Profile, 5mm Height Aluminum Electrolytic Capacitors
226SVF025M ILLINOISCAPACITOR-226SVF025M Datasheet
249Kb / 2P
   5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
226SVF025M ILLINOISCAPACITOR-226SVF025M Datasheet
244Kb / 2P
   5mm Height ??Lead free leads
226SVF025M ILLINOISCAPACITOR-226SVF025M Datasheet
132Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 226SVF025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M_16 Datasheet
249Kb / 2P
   5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104STF050M ILLINOISCAPACITOR-104STF050M Datasheet
174Kb / 2P
   105C, 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com