Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-1631-44 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTR-1631-44
Description  DWDM GBIC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTR-1631-44 Datasheet(HTML) 4 Page - Finisar Corporation.

  FTR-1631-44 Datasheet HTML 1Page - Finisar Corporation. FTR-1631-44 Datasheet HTML 2Page - Finisar Corporation. FTR-1631-44 Datasheet HTML 3Page - Finisar Corporation. FTR-1631-44 Datasheet HTML 4Page - Finisar Corporation. FTR-1631-44 Datasheet HTML 5Page - Finisar Corporation. FTR-1631-44 Datasheet HTML 6Page - Finisar Corporation. FTR-1631-44 Datasheet HTML 7Page - Finisar Corporation. FTR-1631-44 Datasheet HTML 8Page - Finisar Corporation. FTR-1631-44 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FTR-1631-XX DWDM GBIC Preliminary Product Specification
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 4
Rev J, August 2004
II.
Electrical Power Interface
The GBIC specification calls for a range of 4.75V to 5.25 volts as described in Table 2.
The maximum voltage of 6V is not to be applied continuously.
III.
Low Speed Signals
RX_LOS, TX_DISABLE, and TX_FAULT are TTL signals as described in Table 3.
MOD_DEF(1) (SCL) and MOD_DEF(2) (SDA) are open drain CMOS signals (see
section IX, “Serial Communication Protocol”). Both MOD_DEF(1) and MOD_DEF(2)
must be pulled up to host_Vcc. For more detailed information, see sections 5.3.1 – 5.3.8
in the GBIC Specification Revision 5.5
1.
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
Supply Current
Is
250
400
mA
Inrush Current
Isurge
30
mA
=300 msec above steady
state current
Maximum Voltage
Vmax
6
V
Input Voltage
Vcc
4.75
5.0
5.25
V
Referenced to GND
Table 2. Electrical Power Interface
Parameter
Symbol
Min
Max
Units
Notes/Conditions
GBIC Output LOW
VOL
0
0.5
V
4.7k to 10k pull-up to host_Vcc,
measured at host side of connector
GBIC Output HIGH
VOH
host_Vcc -
0.5
host_Vcc +
0.3
V
4.7k to 10k pull-up to host_Vcc,
measured at host side of connector
GBIC Input LOW
VIL
0
0.8
V
4.7k to 10k pull-up to Vcc,
measured at GBIC side of
connector
GBIC Input HIGH
VIH
2
Vcc + 0.3
V
4.7k to 10k pull-up to Vcc,
measured at GBIC side of
connector
Table 3. Low Speed Signals – Electronic Characteristics


Similar Part No. - FTR-1631-44

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-49 FINISAR-FTR-1619-49 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-51 FINISAR-FTR-1619-51 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-53 FINISAR-FTR-1619-53 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-55 FINISAR-FTR-1619-55 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
More results

Similar Description - FTR-1631-44

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com