Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

223UMR100K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 223UMR100K
Description  Epoxy-Dipped Radial Lead Inductive Film/Foil Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

223UMR100K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  223UMR100K Datasheet HTML 1Page - Illinois Capacitor, Inc. 223UMR100K Datasheet HTML 2Page - Illinois Capacitor, Inc. 223UMR100K Datasheet HTML 3Page - Illinois Capacitor, Inc. 223UMR100K Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
Polyester film
Epoxy-Dipped Radial
Lead Inductive Film/Foil
Capacitors
Operating Temperature Range
Capacitance Tolerance
-55°C to 85°C
±10% at 1kHz, 25°C
Humidity Test
Load Life
Insulation Resistance
Voltage Range
WVDC
VAC
100
63
Dissipation Factor
1.0% at 1 kHz, 25°C
2,000 hours, +85°C with 125% rated DC voltage
Capacitance Change
Dissipation Factor
Change
Insulation
Resistance
≤8% maximum
<110% maximum
specification
≥ 4,500 MΩ
250 hours, 95% RH, 25°C and no applied voltage
Capacitance Change
Dissipation Factor
Change
Insulation Resistance
<10% of initial readings
@ +25°C, 1kHz
≤ 10% of initial
+25°C 1kHz
≥ Minimum 2700MΩ
Self-inductance
≤1 nH/mm along the capacitor pitch
Capacitance Drift Factor
Capacitance Temperature
Coefficient
+500 ppm/°C, ± 200ppm/°C
Type
Dielectric
Electrodes
Leads
Inductive film/foil
Aluminum foil
Tinned copper wire
Coating
Flame retardant epoxy sealed resin
(UL 94V-O)
30,000 M
UMR
Coupling
Ceramic Disk Alternative
Blocking
Bypass
(after 2 years)
≤ 3.0% up to 40°C


Similar Part No. - 223UMR100K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
223 ETC2-223 Datasheet
133Kb / 1P
   SMK MALE TO SMK MALE STRAIGHT ADAPTER
logo
Alpha Wire
223 ALPHAWIRE-223 Datasheet
198Kb / 2P
   Mini 7/8" Male Internal Threads 4 Pin Field Attachable
logo
Oscilent Corporation
223-000306-20 OSCILENT-223-000306-20 Datasheet
132Kb / 2P
   32.768 KHz Crystal
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
   32.768 KHz Crystal
logo
Winchester Electronics ...
223-010-0010G WINCHESTER-223-010-0010G Datasheet
43Kb / 1P
   RDM HIGH POWER RECEPTACLE
More results

Similar Description - 223UMR100K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102FFR100K ILLINOISCAPACITOR-102FFR100K Datasheet
882Kb / 3P
   125째 Non-inductive Polyester Film/Foil Epoxy Dipped Radial Lead Capacitors
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K Datasheet
378Kb / 2P
   Small Size Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
logo
Surge Components
SRM SURGE-SRM Datasheet
20Kb / 1P
   EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD
SEM SURGE-SEM Datasheet
136Kb / 1P
   EPOXY COATED, INDUCTIVE, FILM CAPACITORS, RADIAL LEADS
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K Datasheet
378Kb / 2P
   105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
logo
Surge Components
SRMA SURGE-SRMA Datasheet
267Kb / 1P
   EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD, REDUCED SIZES
logo
RFE international
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
List of Unclassifed Man...
2013S ETC2-2013S Datasheet
29Kb / 1P
   POLYPROPYLENE FILM & FOIL RADIAL EPOXY DIP, SERIES WOUND
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com