Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

224UMR100K Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 224UMR100K
Description  Epoxy-Dipped Radial Lead Inductive Film/Foil Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

224UMR100K Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  224UMR100K Datasheet HTML 1Page - Illinois Capacitor, Inc. 224UMR100K Datasheet HTML 2Page - Illinois Capacitor, Inc. 224UMR100K Datasheet HTML 3Page - Illinois Capacitor, Inc. 224UMR100K Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
FORMED LEAD TAPING FILM CAPACITORS
Capacitance
(µF)
UMR
Epoxy-Dipped Radial
Lead Inductive Film/Foil
Capacitors
RADIAL LEAD TAPING SPECIFICATIONS
FILM CAPACITORS BODY SIZE:
Maximum Body Length (L): 10.5 mm
Minimum Body Height (Hc): 12.5 mm
Maximum Body Thickness (T): 6.5 mm
INTERRUPTION OF SEQUENCE: No consecutive capacitors
may be absent. Empty spaces < 0.1% of package quantity.
SPLICES: Spliced tape strength is equal to non-spliced tape
Splice thickness is
≤ 4 single tape layers
Splice offset ± .3mm
REFERENCE STANDARD: EIA RS 468A
GENERAL SPECIFICATIONS
TAPE REFERENCE DIMENSIONS
Carrier Width (W)
18.0
±0.5
Capacitor Bottom to Feed Hole (H)
20.0
±.75
Height of Seating Plane (Formed Lead) H0
16.0
±0.5
Lead Spacing: (Formed) (F)
5.0
±0.5
Capacitor Pitch (P)
12.7
±1.00
Sprocket Hole Pitch (P0)
12.7
±0.30
Sprocket Hole Dia. (F)
4.0
±0.30
Front Back Alignment (
∆)
0
±1.00
Case Top to Feed Hole (H1)
32.0
Max.
Sprocket Hole to First Lead (P1)
3.85
±.70
Lead Extension (I)
2.2
Max.
Component Tape Width (C)
43.2
Max.
Cut Out Length (L
1)
11.0
Max.
Sprocket Hole Position (W1)
9.0
±0.5
Ammo
.001- .0082
3,500
.010 - .012
3,000
.015 - .027
3,000
.032 - .047
2,000
.056 - .068
1,500
.082 - .1
1,000
Do
dØ
Po
F
L1
H
P1
F
P2
P
L
Ho
Hc
T
W2
W0
W1
W
C
QUANTITIES PER BOX
AMMO PACKAGING
BOX DIMENSIONS
mm
LH
T
(max)
(max)
(max)
340
360
65
H
L
T


Similar Part No. - 224UMR100K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
224 LITTELFUSE-224 Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
logo
List of Unclassifed Man...
224 ETC2-224 Datasheet
178Kb / 1P
   SMK FEMALE TO SMK FEMALE STRAIGHT ADAPTER
logo
Alpha Wire
224 ALPHAWIRE-224 Datasheet
199Kb / 2P
   Mini 7/8" Male Internal Threads 5 Pin Field Attachable
logo
Oscilent Corporation
224-000307-20 OSCILENT-224-000307-20 Datasheet
129Kb / 2P
   32.768 KHz Crystal
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
   32.768 KHz Crystal
More results

Similar Description - 224UMR100K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102FFR100K ILLINOISCAPACITOR-102FFR100K Datasheet
882Kb / 3P
   125째 Non-inductive Polyester Film/Foil Epoxy Dipped Radial Lead Capacitors
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
103MMR250K ILLINOISCAPACITOR-103MMR250K Datasheet
378Kb / 2P
   Small Size Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
logo
Surge Components
SRM SURGE-SRM Datasheet
20Kb / 1P
   EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD
SEM SURGE-SEM Datasheet
136Kb / 1P
   EPOXY COATED, INDUCTIVE, FILM CAPACITORS, RADIAL LEADS
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K Datasheet
378Kb / 2P
   105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
logo
Surge Components
SRMA SURGE-SRMA Datasheet
267Kb / 1P
   EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD, REDUCED SIZES
logo
RFE international
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
List of Unclassifed Man...
2013S ETC2-2013S Datasheet
29Kb / 1P
   POLYPROPYLENE FILM & FOIL RADIAL EPOXY DIP, SERIES WOUND
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com