Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

684PPB250K Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 684PPB250K
Description  Polypropylene Film Capacitors for Power Semiconductor Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

684PPB250K Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  684PPB250K Datasheet HTML 1Page - Illinois Capacitor, Inc. 684PPB250K Datasheet HTML 2Page - Illinois Capacitor, Inc. 684PPB250K Datasheet HTML 3Page - Illinois Capacitor, Inc. 684PPB250K Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
+105°C Metallized
Polypropylene
Capacitor
PERMISSIBLE AC VOLTAGE VS.FREQUENCY
PPB
10
1
10
3
10
2
10
3
10
4
10
5
10
6Hz
250VDC/160VAC
0.22
µF
0.68
µF
4.7
µF
10
2
10
1
10
3
10
2
10
3
10
4
10
5
10
6 Hz
630VDC/400VAC
0.047
µF
0.33
µF
1.5
µF
10
2
10
1
10
3
10
2
10
3
10
4
10
5
10
6Hz
1600VDC/650VAC
0.01
µF
0.068
µF
0.47
µF
10
2
10
1
10
3
10
2
10
3
10
4
10
5
10
6Hz
400VDC/200VAC
0.1
µF
0.68
µF
3.3
µF
10
2
10
1
10
3
10
2
10
3
10
4
10
5
10
6Hz
1000VDC/600VAC
0.01
µF
0.1
µF
1.0
µF
10
2
10
1
10
3
10
2
10
3
10
4
10
5
10
6 Hz
2000VDC/700VAC
6800pF
0.047
µF
0.22
µF
10
2
191


Similar Part No. - 684PPB250K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
684PPB250K ILLINOISCAPACITOR-684PPB250K Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
684PPB250K ILLINOISCAPACITOR-684PPB250K Datasheet
428Kb / 3P
   High Pulse Currents - High voltage
684PPB250KB ILLINOISCAPACITOR-684PPB250KB Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
684PPB250KB ILLINOISCAPACITOR-684PPB250KB Datasheet
428Kb / 3P
   High Pulse Currents - High voltage
More results

Similar Description - 684PPB250K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473PMB302KP2 ILLINOISCAPACITOR-473PMB302KP2 Datasheet
376Kb / 3P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
682PPS302KG ILLINOISCAPACITOR-682PPS302KG Datasheet
386Kb / 5P
   Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
472PPA302KG ILLINOISCAPACITOR-472PPA302KG Datasheet
391Kb / 5P
   Polypropylene Film Capacitors for Power
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com