Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

686TXK400M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 686TXK400M
Description  105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

686TXK400M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  686TXK400M Datasheet HTML 1Page - Illinois Capacitor, Inc. 686TXK400M Datasheet HTML 2Page - Illinois Capacitor, Inc. 686TXK400M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
84
®
Temperature (°C)
I High Frequency
I Low Impedance
I Extended Life
I Voltage Range: 160 WVDC to 450 WVDC
I Capacitance Range: 3.3 µF to 330 µF
FEATURES
TXK
+105°C Long
Life Radial
Lead Aluminum
Electrolytic Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
-40°C to + 105°C
±20% at 120Hz, 20°C
For Ballast applications
160
.15
200
.15
250
.15
350
.24
400
.24
450
.24
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
Leakage Current
Shelf Life
1,000 hours at +105°C with no voltage applied.
Units will meet load life specifications
Load Life
5000 hours at +105°C with rated WVDC
Capacitors will meet the requirements listed below.
Impedance Ratio
(Max.) @120Hz
-25°C/20°C
-40°C/20°C
WVDC
Time
WVDC
2 minutes
< 450 WVDC
≤ 25% of initial measured value
≤ 200% of initial specified value
≤100% of specified value
Capacitance change
Dissipation factor
Leakage current
Frequency (Hz)
1K
.61
.66
120
.25
.35
10K
.88
.89
+85
1.5
1.5
+95
1.25
1.25
+105
1.0
1.0
Ripple Current Multipliers
6.3
3
10
3
16
3
25
6
35
6
50
6
44466
-
.06 CV or 10µA
100K
1.0
1.0
-25°C to + 105°C
D=10
D>10
+75
1.65
1.65
+65
1.8
1.8
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo Pack Cut, Formed, Cut and Formed, and Snap In Leads
Epoxy end seal Polyester sleeve
(See pages 33 thru 37)


Similar Part No. - 686TXK400M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686TXK400M ILLINOISCAPACITOR-686TXK400M Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
686TXK400MKAD ILLINOISCAPACITOR-686TXK400MKAD Datasheet
227Kb / 2P
   High Voltage Low Impedance Long Life, 5000 hours
686TXK400MKAD ILLINOISCAPACITOR-686TXK400MKAD Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
686TXK400MKAD ILLINOISCAPACITOR-686TXK400MKAD Datasheet
127Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 686TXK400M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Illinois Capacitor, Inc...
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
Revision: 28-Feb-17
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
01-Jan-2023
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
logo
Illinois Capacitor, Inc...
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
logo
Illinois Capacitor, Inc...
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com