Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

706MPR400KP0 Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 706MPR400KP0
Description  Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

706MPR400KP0 Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  706MPR400KP0 Datasheet HTML 1Page - Illinois Capacitor, Inc. 706MPR400KP0 Datasheet HTML 2Page - Illinois Capacitor, Inc. 706MPR400KP0 Datasheet HTML 3Page - Illinois Capacitor, Inc. 706MPR400KP0 Datasheet HTML 4Page - Illinois Capacitor, Inc. 706MPR400KP0 Datasheet HTML 5Page - Illinois Capacitor, Inc. 706MPR400KP0 Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MPRP
Metallized Polypropylene
Motor Run/AC Film
Capacitors in Round
Tubes
PHYSICAL DIMENSIONS
VDE P0 Class C
250/275
400/420/425 450/470/475
500
1
25x30
25x40
30x40
3
25x30
25x50
30x40
35x40
5
25x40
30x50
35x50
42x50
7
30x40
35x50
40x50
42x50
10
35x40
40x50
40x60
50x60
15
35x50
50x60
50x70
20
35x60
50x70
50x85
30
40x70
55x70
55x85
60x120
40
45x70
60x85
60x120
50
45x70
60x120
60x140
60
45x85
60x140
70
50x120
60x140
80
50x120
60x140
PART
NUMBER
VAC
DxL
(mm)
1
250/275
105MPR275KP0C##
25x30
1
450/470/475
105MPR475KP0C##
25x40
1
500
105MPR500KP0C##
30x40
3
250/275
305MPR275KP0C##
25x30
3
400/420/425
305MPR425KP0C##
25x50
3
450/470/475
305MPR475KP0C##
30x40
3
500
305MPR500KP0C##
35x40
5
250/275
505MPR275KP0C##
25x40
5
400/420/425
505MPR425KP0C##
30x50
5
450/470/475
505MPR475KP0C##
35x50
5
500
505MPR500KP0C##
42x50
7
250/275
705MPR275KP0C##
30x40
7
400/420/425
705MPR425KP0C##
35x50
7
450/470/475
705MPR475KP0C##
40x50
7
500
705MPR500KP0C##
42x50
10
250/275
106MPR275KP0C##
35x40
10
400/420/425
106MPR425KP0C##
40x50
10
450/470/475
106MPR475KP0C##
40x60
10
500
106MPR500KP0C##
50x60
15
250/275
156MPR275KP0C##
35x50
15
400/420/425
156MPR425KP0C##
50x60
Capacitance
(µF)
STANDARD PART LISTING
## to be assigned by Illinois Capacitor, Inc.
Additional Case styles and lead terminations available.
Contact Illinois Capacitor, Inc. for details.
PART
NUMBER
VAC
DxL
(mm)
15
500
156MPR500KP0C##
50x70
20
250/275
206MPR275KP0C##
35x60
20
450/470/475
206MPR475KP0C##
50x70
20
500
206MPR500KP0C##
50x85
30
250/275
306MPR275KP0C##
40x70
30
400/420/425
306MPR425KP0C##
55x70
30
450/470/475
306MPR475KP0C##
55x85
30
500
306MPR500KP0C##
60x120
40
250/275
406MPR275KP0C##
45x70
40
400/420/425
406MPR425KP0C##
60x85
40
450/470/475
406MPR475KP0C##
60x120
50
250/275
506MPR275KP0C##
45x70
50
400/420/425
506MPR425KP0C##
60x120
50
450/470/475
506MPR475KP0C##
60x140
60
250/275
606MPR275KP0C##
45x85
60
450/470/475
606MPR475KP0C##
60x140
70
250/275
706MPR275KP0C##
50x120
70
400/420/425
706MPR425KP0C##
60x140
80
250/275
806MPR275KP0C##
50x120
80
400/420/425
806MPR425KP0C##
60x140
Capacitance
(µF)
VAC
(µF)
D x L (mm)
Convert to inches, divide by 25.4


Similar Part No. - 706MPR400KP0

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
706MPTS122KHA# ILLINOISCAPACITOR-706MPTS122KHA# Datasheet
422Kb / 3P
   High Capacitance ??High Voltage - Low Profile
706MPTS142KHB# ILLINOISCAPACITOR-706MPTS142KHB# Datasheet
422Kb / 3P
   High Capacitance ??High Voltage - Low Profile
More results

Similar Description - 706MPR400KP0

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MER350K ILLINOISCAPACITOR-105MER350K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
105MP250K ILLINOISCAPACITOR-105MP250K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
105ME-250K ILLINOISCAPACITOR-105ME-250K Datasheet
374Kb / 2P
   Metallized Polyester Motor Run/AC Film Capacitors In Boxes
logo
Cornell Dubilier Electr...
32FD3701-F CDE-32FD3701-F Datasheet
157Kb / 3P
   AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com