Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1165 Datasheet(PDF) 4 Page - ETAL Group

Part # P1165
Description  LOW PROFILE LINE MATCHING TRANSFORMER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P1165 Datasheet(HTML) 4 Page - ETAL Group

  P1165 Datasheet HTML 1Page - ETAL Group P1165 Datasheet HTML 2Page - ETAL Group P1165 Datasheet HTML 3Page - ETAL Group P1165 Datasheet HTML 4Page - ETAL Group P1165 Datasheet HTML 5Page - ETAL Group P1165 Datasheet HTML 6Page - ETAL Group P1165 Datasheet HTML 7Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P1165
ETALDOC 78/22
Page 4 of 5
February 2006
PERFORMANCE CHARACTERISTICS
EUROPEAN CTR21 COMPLEX MATCH
Recommended Circ uit
Fig 5
100
LINE
270
750
910
27nF
100nF
150nF
μ
2.2 F
Recommended Circ uit
Fig 2
LINE
600
* If return loss > 16dB, 300Hz - 4kHz is a cc epta b le, blocking
c apacitor may be relaxed to
μ
6.8 F
+50
20
%*
6.8 F
+50
20
_
_
%
600
MATCH
Ω
18nF 5%
680 10%
560 2%
Recommended Circ uit
Fig 6
910
LINE
270
750
330
82nF
150nF
μ
2.2 F
0
-0.2
-0.3
-0.4
100Hz
200 300
500
1kHz
2
Frequency
dB
34 5
10
-0.1
Ty
pi
ca
l
W
or
st
C
as
e
Frequency Response
Fig 3
Figure 5 gives flat RX and TX responses against the
reference impedance (typically around
0.5dB
200Hz - 4kHz). Return loss is typically better than
20dB.
The 150nF capacitor should be of a
temperature stable dielectric.
In practice, the
100ohm resistor will normally connect to a low
impedance TX output.
For circuits with existing board drillings, figure 6
gives good return loss (>20dB) against the reference
impedance, but TX and RX flatness are degraded by
the use of this topology.
For recommended matching to other reference
impedances please contact ETAL.
+
_
-14
-22
-26
-30
100Hz
200 300
500
Typic al
Worst Ca se
1kHz
2
Frequency
dB
34 5
10
-18
Return Loss
Fig 4
Typic al
Funda mental
450Hz
-74
-72
-76
-78
-80
-10
-5
Fundamental Power (dBm)
0+ 5
Third Harmonic Distortion vs. Signal Level
Fig 7
500+ 600Hz
Typic al
1.6kHz+ 2.0kHz
Total power in line (dBm)
2 Tone Intermodula tion Products
vs. Signal Level
Fig 8
-70
-60
-80
-90
-10
-8
-6
-4
dBm
-2
0


Similar Part No. - P1165

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P116-000-HDSC1 TRIPPLITE-P116-000-HDSC1 Datasheet
170Kb / 3P
   VGA with Audio to HDMI Converter with Scaler function
P116-003-HD-U TRIPPLITE-P116-003-HD-U Datasheet
171Kb / 3P
   VGA to HDMI Converter Adapter with Audio and USB Power, 1080p
P116-006-HDMI-A TRIPPLITE-P116-006-HDMI-A Datasheet
180Kb / 3P
   VGA Audio to HDMI Adapter Cable with USB Power, 1920 x 1080 (1080p) @ 60 Hz (M/M), 6 ft.
P116000HDMI TRIPPLITE-P116000HDMI Datasheet
530Kb / 2P
   VGA with Audio to HDMI Converter, Adapter for Stereo Audio and Video
logo
NIKO SEMICONDUCTOR CO.,...
P1160JD NIKOSEM-P1160JD Datasheet
309Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
REV 1.0
More results

Similar Description - P1165

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3065 ETAL-P3065 Datasheet
128Kb / 5P
   LOW PROFILE LINE MATCHING TRANSFORMER
9025 ETAL-9025 Datasheet
166Kb / 4P
   LOW PROFILE LINE MATCHING TRANSFORMER
P3156 ETAL-P3156 Datasheet
122Kb / 4P
   ULTRA LOW DISTORTION LOW PROFILE LINE MATCHING TRANSFORMER
P5097 ETAL-P5097 Datasheet
108Kb / 4P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3356 ETAL-P3356 Datasheet
191Kb / 6P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3410 ETAL-P3410 Datasheet
167Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3357 ETAL-P3357 Datasheet
139Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P5059 ETAL-P5059 Datasheet
135Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P5273 ETAL-P5273 Datasheet
100Kb / 4P
   LOW DISTORTION LINE MATCHING TRANSFORMER
P3302 ETAL-P3302 Datasheet
168Kb / 5P
   LOW DISTORTION LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com