Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-1619-57 Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FTR-1619-57
Description  WDM Gigabit GBIC Transceiver with APD Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTR-1619-57 Datasheet(HTML) 6 Page - Finisar Corporation.

  FTR-1619-57 Datasheet HTML 1Page - Finisar Corporation. FTR-1619-57 Datasheet HTML 2Page - Finisar Corporation. FTR-1619-57 Datasheet HTML 3Page - Finisar Corporation. FTR-1619-57 Datasheet HTML 4Page - Finisar Corporation. FTR-1619-57 Datasheet HTML 5Page - Finisar Corporation. FTR-1619-57 Datasheet HTML 6Page - Finisar Corporation. FTR-1619-57 Datasheet HTML 7Page - Finisar Corporation. FTR-1619-57 Datasheet HTML 8Page - Finisar Corporation. FTR-1619-57 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FTR-1619-XX WDM GBIC Product Specification April 2002
F i n i s a r
© Finisar Corporation Apr-02 – Rev.J
Page 6
VI.
General Specifications
VII. Environmental Specifications
Note that the GBIC Specification requires an ambient temperature range of 0 to +50°C.
Finisar FTR-1619-XX GBICs have an extended range from 0°C to +70°C case
temperature as specified in Table 8.
General
Parameter
Symbol Min
Typ
Max
Units
Notes/Conditions
Data Rate
BR
0.125
1.25
Gb/sec Fibre Channel, IEEE 802.3
compatible
Total System Budget
--
30
dB
@1.25 Gb/s, BER < 10
-9
w/ PRBS 2
7-1. See Note 1
Note 1: Total system budget is defined as Pout – Pin – typical connector losses
Table 7. General specifications
Environment
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
Operating Temp
Top
0
70
°C
Case temperature
Storage Temp
Tsto
-10
85
°C
Eye Safety
--
CDRH and IEC-825 Class 1 Laser
Product. See Note 1
Note 1: Complies with FDA performance standards for laser products except for deviations pursuant to
Laser Notice No. 50, dated July 26, 2001.
Table 8. Environmental specifications


Similar Part No. - FTR-1619-57

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-49 FINISAR-FTR-1621-49 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-51 FINISAR-FTR-1621-51 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-53 FINISAR-FTR-1621-53 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-55 FINISAR-FTR-1621-55 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
More results

Similar Description - FTR-1619-57

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTL-161947 FINISAR-FTL-161947 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FWLF16197D FINISAR-FWLF16197D Datasheet
552Kb / 10P
   WDM SFP Transceiver with APD Receiver
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FWDM-1619-7D-47 FINISAR-FWDM-1619-7D-47 Datasheet
417Kb / 10P
   WDM SFP Transceiver with APD Receiver
FTL-1621-47 FINISAR-FTL-1621-47 Datasheet
94Kb / 9P
   Multi-Rate CWDM GBIC Transceiver with APD Receiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Molex Electronics Ltd.
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
logo
Delta Electronics, Inc.
GBIC-1250B5LS DELTA-GBIC-1250B5LS Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250A3FR DELTA-GBIC-1250A3FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com