Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705MPR475KP0C Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 705MPR475KP0C
Description  Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

705MPR475KP0C Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  705MPR475KP0C Datasheet HTML 1Page - Illinois Capacitor, Inc. 705MPR475KP0C Datasheet HTML 2Page - Illinois Capacitor, Inc. 705MPR475KP0C Datasheet HTML 3Page - Illinois Capacitor, Inc. 705MPR475KP0C Datasheet HTML 4Page - Illinois Capacitor, Inc. 705MPR475KP0C Datasheet HTML 5Page - Illinois Capacitor, Inc. 705MPR475KP0C Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MPRP
Metallized Polypropylene
Motor Run/AC Film
Capacitors in Round
Tubes
PHYSICAL DIMENSIONS
VDE P0 Class A/B
D x L (mm)
250
400
450
1
25x30
25x40
30x40
3
30x30
30x40
35x40
5
30x40
35x50
42x50
7
35x40
40x50
42x50
10
40x40
40x60
50x60
20
40x60
50x70
55x85
30
42x70
55x85
60x120
40
50x100
60x120
50
50x120
60x140
70x140
60
60x130
60x140
70x160
70
60x130
70x140
80
60x140
70x140
PART
NUMBER
VAC
DxL
(mm)
1
250 105MPR250KP0##
25x30
1
400 105MPR400KP0##
25x40
1
450 105MPR450KP0##
30x40
3
250 305MPR250KP0##
30x30
3
400 305MPR400KP0##
30x40
3
450 305MPR450KP0##
35x40
5
250 505MPR250KP0##
30x40
5
400 505MPR400KP0##
35x50
5
450 505MPR450KP0##
42x50
7
250 705MPR250KP0##
35x40
7
400 705MPR400KP0##
40x50
7
450 705MPR450KP0##
42x50
10
250 106MPR250KP0##
40x40
10
400 106MPR400KP0##
40x60
10
450 106MPR450KP0##
50x60
20
250 206MPR250KP0##
40x60
20
400 206MPR400KP0##
50x70
20
450 206MPR450KP0##
55x85
Capacitance
(µF)
PART
NUMBER
VAC
DxL
(mm)
20
450
206MPR450KP0##
55x85
30
250
306MPR250KP0##
42x70
30
400
306MPR400KP0##
55x85
30
450
306MPR450KP0##
60x120
40
250
406MPR250KP0##
50x100
40
400
406MPR400KP0##
60x120
40
450
406MPR450KP0##
60x120
50
250
506MPR250KP0##
50x120
50
400
506MPR400KP0##
60x140
50
450
506MPR450KP0##
70x140
60
250
606MPR250KP0##
60x130
60
400
606MPR400KP0##
60x140
60
450
606MPR450KP0##
70x160
70
250
706MPR250KP0##
60x130
70
400
706MPR400KP0##
70x140
80
250
806MPR250KP0##
60x140
80
400
806MPR400KP0##
70x140
Capacitance
(µF)
STANDARD PART LISTING
## to be assigned by Illinois Capacitor, Inc.
Additional Case styles and lead terminations available.
Contact Illinois Capacitor, Inc. for details.
VAC
(µF)
Convert to inches, divide by 25.4


Similar Part No. - 705MPR475KP0C

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
705MP250K ILLINOISCAPACITOR-705MP250K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
705MP350K ILLINOISCAPACITOR-705MP350K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
705MP400K ILLINOISCAPACITOR-705MP400K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
705MP450K ILLINOISCAPACITOR-705MP450K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
705MP500K ILLINOISCAPACITOR-705MP500K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
More results

Similar Description - 705MPR475KP0C

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MER350K ILLINOISCAPACITOR-105MER350K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
105MP250K ILLINOISCAPACITOR-105MP250K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
105ME-250K ILLINOISCAPACITOR-105ME-250K Datasheet
374Kb / 2P
   Metallized Polyester Motor Run/AC Film Capacitors In Boxes
logo
Cornell Dubilier Electr...
32FD3701-F CDE-32FD3701-F Datasheet
157Kb / 3P
   AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com