Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106MPR500KP0C Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 106MPR500KP0C
Description  Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106MPR500KP0C Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  106MPR500KP0C Datasheet HTML 1Page - Illinois Capacitor, Inc. 106MPR500KP0C Datasheet HTML 2Page - Illinois Capacitor, Inc. 106MPR500KP0C Datasheet HTML 3Page - Illinois Capacitor, Inc. 106MPR500KP0C Datasheet HTML 4Page - Illinois Capacitor, Inc. 106MPR500KP0C Datasheet HTML 5Page - Illinois Capacitor, Inc. 106MPR500KP0C Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MPRP
Metallized Polypropylene
Motor Run/AC Film
Capacitors in Round
Tubes
STANDARD PART LISTING
PART
NUMBER
VAC
DxL
(mm)
1
350
105MPR350KP##
18X30
1
600
105MPR600KP##
25X40
3
350
305MPR350KP##
25X30
3
400
305MPR400KP##
25X50
3
500
305MPR500KP##
30X40
3
600
305MPR600KP##
40X40
5
350
505MPR350KP##
28X40
5
400
505MPR400KP##
30X50
5
500
505MPR500KP##
35X50
5
600
505MPR600KP##
45X50
7
250
705MPR250KP##
30X40
7
350
705MPR350KP##
32X40
7
400
705MPR400KP##
35X50
7
500
705MPR500K##
40X50
7
600
705MPR600KP##
45X60
10
250
106MPR250KP##
30X40
10
350
106MPR350KP##
35X40
10
400
106MPR400KP##
40X50
10
450
106MPR450KP##
40X60
10
500
106MPR500KP##
45X60
10
600
106MPR600KP##
50X60
15
350
156MPR350KP##
34X50
15
450
156MPR450KP##
45X60
15
500
156MPR500KP##
50X60
15
600
156MPR600KP##
50X70
20
250
206MPR250KP##
35X60
20
350
206MPR350KP##
38X50
20
400
206MPR400KP##
45X60
20
450
206MPR450KP##
50X60
20
500
206MPR500KP##
50X70
20
600
206MPR600KP##
55X85
25
350
256MPR350KP##
37X60
Capacitance
(µF)
25
500
256MPR500KP##
50X70
25
600
256MPR600KP##
60X85
30
350
306MPR350KP##
40X60
30
500
306MPR500KP##
55X70
30
600
306MPR600KP##
60X85
35
350
356MPR350KP##
39X70
35
450
356MPR450KP##
55X70
35
500
356MPR500KP##
55X85
40
350
406MPR350KP##
42X70
40
400
406MPR400KP##
55X75
40
450
406MPR450KP##
55X85
40
500
406MPR500KP##
55X120
45
350
456MPR350KP##
44X70
45
450
456MPR450KP##
60X85
50
350
506MPR350KP##
45X70
50
400
506MPR400KP##
55X85
50
450
506MPR450KP##
60X120
60
250
606MPR250KP##
45X85
60
350
606MPR350KP##
40X120
60
400
606MPR400KP##
55X85
70
350
706MPR350KP##
45X120
70
400
706MPR400KP##
55X100
80
250
806MPR250KP##
45X120
80
350
806MPR350KP##
45X130
80
400
806MPR400KP##
55X120
90
250
906MPR250KP##
45X130
90
350
906MPR350KP##
47X140
90
400
906MPR400KP##
55X120
100
250
107MPR250KP##
48X130
100
350
107MPR350KP##
47X140
100
400
107MPR400KP##
55X120
## to be assigned by Illinois Capacitor, Inc.
Additional Case styles and lead terminations available.
Contact Illinois Capacitor, Inc. for details.
PART
NUMBER
VAC
DxL
(mm)
Capacitance
(µF)


Similar Part No. - 106MPR500KP0C

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106MP250K ILLINOISCAPACITOR-106MP250K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
106MP350K ILLINOISCAPACITOR-106MP350K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
106MP400K ILLINOISCAPACITOR-106MP400K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
106MPH100K ILLINOISCAPACITOR-106MPH100K Datasheet
383Kb / 2P
   105째C Metallized Polypropylene Capacitors
106MPH100K ILLINOISCAPACITOR-106MPH100K Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
More results

Similar Description - 106MPR500KP0C

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MER350K ILLINOISCAPACITOR-105MER350K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
105MP250K ILLINOISCAPACITOR-105MP250K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
105ME-250K ILLINOISCAPACITOR-105ME-250K Datasheet
374Kb / 2P
   Metallized Polyester Motor Run/AC Film Capacitors In Boxes
logo
Cornell Dubilier Electr...
32FD3701-F CDE-32FD3701-F Datasheet
157Kb / 3P
   AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com