Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTRJ1421SM Datasheet(PDF) 10 Page - Finisar Corporation.

Part # FTRJ1421SM
Description  OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTRJ1421SM Datasheet(HTML) 10 Page - Finisar Corporation.

Back Button FTRJ1421SM Datasheet HTML 2Page - Finisar Corporation. FTRJ1421SM Datasheet HTML 3Page - Finisar Corporation. FTRJ1421SM Datasheet HTML 4Page - Finisar Corporation. FTRJ1421SM Datasheet HTML 5Page - Finisar Corporation. FTRJ1421SM Datasheet HTML 6Page - Finisar Corporation. FTRJ1421SM Datasheet HTML 7Page - Finisar Corporation. FTRJ1421SM Datasheet HTML 8Page - Finisar Corporation. FTRJ1421SM Datasheet HTML 9Page - Finisar Corporation. FTRJ1421SM Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FTRJ1421S1XCL 2x10 Pin SFF Product Specification – December 2003
F i n i s a r
 Finisar Corporation December 16, 2003 RevE
Page 10
XI.
References
1.
Small Form Factor (SFF) Transceiver Multisource Agreement (MSA). January 6,
1998.
2.
Small Form Factor Pluggable (SFP) Transceiver Multi-Source Agreement (MSA),
September 2000.
3.
Bellcore GR-253 and ITU-T G.957 Specifications (Transmitter Optical Output
Power complies with SONET OC-48 requirements only).
4.
IEEE Std 802.3, 2002 Edition, Clause 38, PMD Type 1000BASE-LX.
IEEE Standards Department, 2002. (Transmit Optical Output has a minimum
Extinction Ratio of 8.2 dB only).
5.
“Fibre Channel Draft Physical Interface Specification (FC-PI 13.0)”. American
National Standard for Information Systems. (*)
(*) Neither IEEE 802.3 nor FC-PI 13.0 specifies a 1310nm DFB single mode interface.
The FTRJ1421S1XCL complies with these standards except for receiver sensitivity, and
transmit output power. See Section IV for details.
XII.
For More Information
Finisar Corporation
1308 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. 1-408-548-1000
Fax 1-408-541-6138
sales@finisar.com
www.finisar.com


Similar Part No. - FTRJ1421SM

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1421P1BCL FINISAR-FTRJ1421P1BCL Datasheet
673Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421P1BNL FINISAR-FTRJ1421P1BNL Datasheet
728Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421P1WCL FINISAR-FTRJ1421P1WCL Datasheet
673Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421P1WNL FINISAR-FTRJ1421P1WNL Datasheet
728Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
More results

Similar Description - FTRJ1421SM

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1421S1XCL FINISAR-FTLF1421S1XCL Datasheet
239Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1GCL FINISAR-FTLF1421S1GCL Datasheet
213Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1XCL FINISAR-FTLF1721S1XCL Datasheet
231Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTRJ1721SGCL FINISAR-FTRJ1721SGCL Datasheet
498Kb / 10P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1GCL FINISAR-FTLF1721S1GCL Datasheet
212Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1321S1GTL FINISAR-FTRJ1321S1GTL Datasheet
499Kb / 10P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1421P1WNL FINISAR-FTRJ1421P1WNL Datasheet
728Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTLF1321S1GTL FINISAR-FTLF1321S1GTL Datasheet
252Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1421P1WCL FINISAR-FTRJ1421P1WCL Datasheet
673Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com