Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337SML035M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 337SML035M
Description   85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337SML035M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  337SML035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 337SML035M Datasheet HTML 2Page - Illinois Capacitor, Inc. 337SML035M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
14
®
SML
+85°C General Purpose
Surface Mount Chip
Aluminum Electrolytic
Capacitors
PHYSICAL DIMENSIONS
DIMENSIONS
4
5
6.3
6.3
6.3
8
8
10
5.4 +0.1/-0.2
5.4 +0.1/-0.2
5.4 +0.1/-0.2
5.8 +0.3 MAX
7.7 +0.3 MAX
6.2 +0.3 MAX
10.2 +0.5 MAX
10.2 +0.5 MAX
4.3
5.3
6.6
6.6
6.6
8.3
8.3
10.3
4.3
5.3
6.6
6.6
6.6
8.3
8.3
10.3
5.0
6.0
7.3
7.3
7.3
9.0
9.0
11.0
1.0
1.4
2.2
2.2
2.2
3.2
3.2
4.6
0.5~0.8
0.5~0.8
0.5~0.8
0.5~0.8
0.5~0.8
0.7~1.0
0.7~1.0
0.7~1.0
(mm)
D+0.5 MAX
L
W±0.2
H±0.2
C±0.2
R
P±0.2
0.3 MAX
W
R
(+)
(µF)
Convert to inches, divide by 25.4
DxL (mm)
4
6.3
10
16
25
35
50
63
100
(5.2)
(7.9)
(13)
(20)
(32)
(44)
(63)
(79)
(125)
0.1
4x5.4
0.22
4x5.4
0.33
4x5.4
0.47
4x5.4
1
4x5.4
2.2
4x5.4
3.3
4x5.4
6.3x5.8
4.7
4x5.4
4x5.4
8x10.2
5x5.4
10
4x5.4
4x5.4
5x5.4
8x10.2
5x5.4
6.3x5.4
22
4x5.4
4x5.4
5x5.4
6.3x5.4
6.3x5.4
8x10.2
8x10.2
5x5.4
33
4x5.4
5x5.4
5x5.4
6.3x5.8
6.3x7.7
8x10.2
10x10.2
4x5.4
6.3x5.4
8x6.2
47
4x5.4
4x5.4
5x5.4
6.3x5.4
6.3x5.8
6.3x7.7
10x10
5x5.4
6.3x5.4
8x6.2
8x10.2
68
5x5.4
6.3x5.4
100
5x5.4
5x5.4
6.3x5.4
8x6.2
6.3x7.7
10x10.2
10x10.2
8x10.2
150
6.3x5.4
6.3x5.8
6.3x7.7
8x10.2
220
6.3x5.4
6.3x5.8
8x6.2
6.3x7.7
10x7.7
10x10.2
10x10.2
8x10.2
8x10.2
8x10.2
330
6.3x7.7
10x10.2
10x10.2
8x6.2
8x10.2
470
6.3x7.7
8x10.2
8x10.2
10x10.2
8x10.2
1000
8x10.2
8x10.2
10x10.2
WVDC
(SV)
L


Similar Part No. - 337SML035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337SML035M ILLINOISCAPACITOR-337SML035M Datasheet
245Kb / 3P
   Standard 2000 hrs
337SML035M ILLINOISCAPACITOR-337SML035M Datasheet
239Kb / 3P
   Small size ??Low cost
337SML035M ILLINOISCAPACITOR-337SML035M Datasheet
306Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
337SML035M ILLINOISCAPACITOR-337SML035M Datasheet
124Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 337SML035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com