Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R15101323 Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # R15101323
Description  Plug-in power relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

R15101323 Datasheet(HTML) 3 Page - ZETTLER Electronics

  R15101323 Datasheet HTML 1Page - ZETTLER Electronics R15101323 Datasheet HTML 2Page - ZETTLER Electronics R15101323 Datasheet HTML 3Page - ZETTLER Electronics R15101323 Datasheet HTML 4Page - ZETTLER Electronics R15101323 Datasheet HTML 5Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
R15
Plug-in power relays
6006
6012
6024
6048
6060
6110
6120
6220
6230
6240
6
12
24
48
60
110
120
220
230
240
4,8
17,0
75,0
310,0
490,0
1 760,0
2 000,0
6 900,0
7 000,0
7 100,0
4,8
9,6
19,2
38,4
48,0
88,0
96,0
176,0
184,0
192,0
6,6
13,2
26,4
52,8
66,0
121,0
132,0
242,0
253,0
264,0
Table 4
Coil data -AC60Hzversion
Electrical life at AC resistive load
Fig. 1
Electrical life reduction factor
at AC inductive load
Fig. 2
Power factor
1,0
0,9
0,7
0,8
0,2
0,9
1,0
0,8
0,3
cosj
F
0,3
0,4
0,5
0,6
0,4
0,5
0,6
0,7
Ncosj =Nx F
Mounting
Relays
are designed for:
• screw terminals sockets:
• solder terminals sockets:
• direct PCB mounting:
R15
R15 2P: PZ8, GZU8, GZ8
R15 3P: PS11, PZ11, GZU11, GZ11
R15 4P: GZ14U, GZ14
R15 2P: GOP8
R15 3P: GOP11
R15 4P: GOP14
R15 2P, R15 3P.
Max. DC load breaking capacity
Fig. 3
Coil code
Rated voltage U
VAC
n
Coil resistance
(±15%) at 20 °C
W
Coil operating range
VAC
max. (at 55 °C)
min. (at 20 °C)


Similar Part No. - R15101323

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
logo
Nisshinbo Micro Devices...
R1510S NISSHINBO-R1510S Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
R1510S001A NISSHINBO-R1510S001A Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
logo
RICOH electronics devic...
R1510S001A-T1-FE RICOH-R1510S001A-T1-FE Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
logo
Nisshinbo Micro Devices...
R1510S001B NISSHINBO-R1510S001B Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
More results

Similar Description - R15101323

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
RUC101225 ZETTLER-RUC101225 Datasheet
533Kb / 4P
   Plug-in power relays
RY2101226 ZETTLER-RY2101226 Datasheet
435Kb / 4P
   Plug-in power relays
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
   Miniature plug-in power relays
R2101223 ZETTLER-R2101223 Datasheet
212Kb / 4P
   Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
   Miniature plug-in power relays
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
   Plug-In Relays Mini 280 Relays
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
Allen-Bradley
700-HR ALLEN-BRADLEY-700-HR Datasheet
1Mb / 14P
   Plug-in Timing Relays
logo
Tyco Electronics
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com