Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2001 Datasheet(PDF) 4 Page - ETAL Group

Part # P2001
Description  LINE MATCHING TRANSFORMER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2001 Datasheet(HTML) 4 Page - ETAL Group

  P2001 Datasheet HTML 1Page - ETAL Group P2001 Datasheet HTML 2Page - ETAL Group P2001 Datasheet HTML 3Page - ETAL Group P2001 Datasheet HTML 4Page - ETAL Group P2001 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P2001
ETALDOC 100/17
Page 4 of 5
February 2006
PERFORMANCE CHARACTERISTICS
Notes
1.
Figure 7 - to obtain harmonic distortion power
in dBm, add fundamental power in dBm to third
harmonic in dBc e.g. at -10dBm power in line
at
450Hz
third
harmonic
power
is
-10+ (-96) = -106dBm typical.
2.
Third order intermodulation products 2fa-fb
and 2fb-fa are of most importance and are
significantly greater than products 2fa+fb and
2fb+fa. Figure 8 gives the total power of all
distortion products within the voiceband.
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pin grid coincide within a tolerance circle of 0.6mm
Windings may be used interchangeably as primary or secondary.
Typic al
Fundamental
450Hz
-84
-80
-88
-92
-96
-10
-5
Fundamental Power (dBm)
0+ 5
Third Harmonic Distortion vs. Signal Level
Fig 7
500+ 600Hz
1.6kHz+ 2.0kHz
Fundamental Power (dBm)
2 Tone Intermodulation Produc ts
vs. Signal Level
Fig 8
-80
-70
-90
-100
-10
-8
-6
-4
dBm
-2
0
e2


Similar Part No. - P2001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
P200132WM02NB2 ITT-P200132WM02NB2 Datasheet
209Kb / 3P
   Low Profile Key Switches
P200132WM02NBE2 ITT-P200132WM02NBE2 Datasheet
209Kb / 3P
   Low Profile Key Switches
P200132WM02NG2 ITT-P200132WM02NG2 Datasheet
209Kb / 3P
   Low Profile Key Switches
P200132WM02NGE2 ITT-P200132WM02NGE2 Datasheet
209Kb / 3P
   Low Profile Key Switches
P200132WM02NQ2 ITT-P200132WM02NQ2 Datasheet
209Kb / 3P
   Low Profile Key Switches
More results

Similar Description - P2001

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3126 ETAL-P3126 Datasheet
140Kb / 4P
   LINE MATCHING TRANSFORMER
P3034 ETAL-P3034 Datasheet
125Kb / 4P
   LINE MATCHING TRANSFORMER
P3324 ETAL-P3324 Datasheet
188Kb / 6P
   LINE MATCHING TRANSFORMER
P3189 ETAL-P3189 Datasheet
173Kb / 5P
   LINE MATCHING TRANSFORMER
P5122 ETAL-P5122 Datasheet
113Kb / 4P
   LINE MATCHING TRANSFORMER
P5100 ETAL-P5100 Datasheet
117Kb / 4P
   LINE MATCHING TRANSFORMER
P3800 ETAL-P3800 Datasheet
179Kb / 5P
   LINE MATCHING TRANSFORMER
P1200 ETAL-P1200 Datasheet
121Kb / 5P
   LINE MATCHING TRANSFORMER
P2602 ETAL-P2602 Datasheet
164Kb / 5P
   LINE MATCHING TRANSFORMER
logo
Rhombus Industries Inc.
T-30805 RHOMBUS-IND-T-30805 Datasheet
31Kb / 1P
   Line Matching Transformer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com