Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTRJ1321S1GTL Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTRJ1321S1GTL
Description  OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTRJ1321S1GTL Datasheet(HTML) 5 Page - Finisar Corporation.

  FTRJ1321S1GTL Datasheet HTML 1Page - Finisar Corporation. FTRJ1321S1GTL Datasheet HTML 2Page - Finisar Corporation. FTRJ1321S1GTL Datasheet HTML 3Page - Finisar Corporation. FTRJ1321S1GTL Datasheet HTML 4Page - Finisar Corporation. FTRJ1321S1GTL Datasheet HTML 5Page - Finisar Corporation. FTRJ1321S1GTL Datasheet HTML 6Page - Finisar Corporation. FTRJ1321S1GTL Datasheet HTML 7Page - Finisar Corporation. FTRJ1321S1GTL Datasheet HTML 8Page - Finisar Corporation. FTRJ1321S1GTL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FTRJ1321S1xTL 2x10 Pin SFF Product Specification – December 2003
F i n i s a r
 Finisar Corporation December 16, 2003 RevD
Page 5
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Data Rate
BR
155
2667
Mb/sec 1
Bit Error Rate
BER
10-12
2
Max. Supported Link Length on
9/125
µm SMF @ OC-48
LMAX1
5
km
3
Max. Supported Link Length on
9/125
µm SMF @ 2X Fibre Channel
LMAX2
10
km
3
Max. Supported Link Length on
9/125
µm SMF @ Gigabit Ethernet
LMAX3
10
km
3
Max. Supported Link Length on
9/125
µm SMF @ OC-12
LMAX4
10
km
3
Max. Supported Link Length on
9/125
µm SMF @ OC-3
LMAX5
10
km
4
Notes:
1. SONET OC-48 SR/SDH STM I-16 compliant. Compatible with Gigabit Ethernet, 1x/2x Fibre
Channel, SONET OC-12 and OC-3. Supports FEC at 2.67 Gb/s.
2. Tested with a PRBS 231-1 test pattern interspersed with 72 consecutive ones and 72 consecutive zeros.
3. Dispersion limited per FC-PI Rev. 13
4. Attenuation of 0.55 dB/km is used for the link length calculations (per GR-253 CORE). Distances are
indicative only. A 2dB penalty is included for dispersion on >2Gb/s data rates. Please refer to the
Optical Specifications in Table IV to calculate a more accurate link budget based on specific
conditions in your application.
VI.
Environmental Specifications
Finisar 1310nm SFP transceivers have an extended operating temperature range from
–40°C to +85°C case temperature.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
-40
85
°C
Storage Temperature
Tsto
-40
100
°C
VII.
Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations.
These products are certified by TÜV and CSA to meet the Class 1 eye safety
requirements of EN (IEC) 60825 and the electrical safety requirements of
EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request.


Similar Part No. - FTRJ1321S1GTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1321P1BTL FINISAR-FTRJ1321P1BTL Datasheet
673Kb / 11P
   OC-48 SR/STM I-16 Multirate Pluggable SFP Transceiver
FTRJ1321P1WTL FINISAR-FTRJ1321P1WTL Datasheet
673Kb / 11P
   OC-48 SR/STM I-16 Multirate Pluggable SFP Transceiver
More results

Similar Description - FTRJ1321S1GTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTLF1321S1GTL FINISAR-FTLF1321S1GTL Datasheet
252Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTLF1421S1XCL FINISAR-FTLF1421S1XCL Datasheet
239Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1GCL FINISAR-FTLF1421S1GCL Datasheet
213Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTRJ1421SG FINISAR-FTRJ1421SG Datasheet
498Kb / 10P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1XCL FINISAR-FTLF1721S1XCL Datasheet
231Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTRJ1721SGCL FINISAR-FTRJ1721SGCL Datasheet
498Kb / 10P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1GCL FINISAR-FTLF1721S1GCL Datasheet
212Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1621S1XCL FINISAR-FTLF1621S1XCL Datasheet
238Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTLF1621S1GCL FINISAR-FTLF1621S1GCL Datasheet
213Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com