Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

227TMA160M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 227TMA160M
Description  105째C Standard Axial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227TMA160M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  227TMA160M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227TMA160M Datasheet HTML 2Page - Illinois Capacitor, Inc. 227TMA160M Datasheet HTML 3Page - Illinois Capacitor, Inc. 227TMA160M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
102
®
D
5.0
6.3
8.0
10.0
12.5
16.0
18.0
22.0
d
0.6
0.5
0.6
0.6
0.6
0.8
0.8
0.8
B
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
450
(500)
TMA
+ 105°C Standard Axial
Lead Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
50
(63)
35
(44)
25
(32)
16
(20)
10
(13)
Convert to inches, divide by 25.4
63
(79)
100
(125)
160
(200)
250
(300)
200
(250)
350
(400)
PVC SLEEVE
d
D1
35.0 MIN
35.0 MIN
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1,000
2,200
3,300
4,700
6,800
10,000
15,000
22,000
L1
DxL (mm)
D1=D+B Max.
L1= L+2 Max.
NOTE: Case Vent is standard on all
diameter
≥8.0mm
6.3
(8)
400
(450)
µF
L
5x12.5
5x12.5
5x12.5
6.3x12.5
6.3x16
8x16
8x16
5x12.5
5x12.5
6.3x16
8x16
8x20
10x20
5x12.5
6.3x12.5
8x16
8x20
10x20
10x20
5x12.5
6.3x12.5
8x16
8x20
10x20
10x20
10x25
5x12.5
5x12.5
6.3x12.5
6.3x16
8x20
10x20
10x20
12.5x25
12.5x25 12.5x30
5x12.5
6.3x12.5
6.3x16
8x16
10x25
12.5x25
16x30
16x30
16x40
5x12.5
6.3x12.5
6.3x16
8x20
12.5x25
12.5x25
12.5x30
16x30
16x40
18x40
5x12.5
6.3x12.5
6.3x16
8x16
8x20
12.5x30
12.5x30
16x30
16x40
18x40
22x40
6.3x12.5
6.3x16
8x16
8x20
10x25
16x40
16x40
16x40
22x40
22x50
6.3x16
8x16
8x20
10x20
10x25
12.5x30
22x40
22x40
22x50
8x16
8x20
10x20
10x25
12.5x25
16x30
8x16
8x20
10X20
10x25
12.5x25 12.5x30
16x40
10x20
10x25
12.5x25
12.5x30
16x30
16x30
22x40
12.5x25
12.5x30
16x30
16x30
18x40
22x40
12.5x25 12.5x30
16x30
16x30
16x40
22x40
22x50
12.5x30
16x30
16x30
18x40
22x40
22x50
16x30
16x40
22x40
22x50
16x40
18x40
22x40
22x50
18x40
22x40
22x50
22x40
22x50
+
WVDC
(SV)
LEAD INFORMATION VS. CASE DIAMETER


Similar Part No. - 227TMA160M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227TMA160M ILLINOISCAPACITOR-227TMA160M Datasheet
356Kb / 3P
   105C General Purpose Axial Lead Aluminum
227TMA160M ILLINOISCAPACITOR-227TMA160M Datasheet
267Kb / 3P
   Extended Life, 2000 hours
227TMA160M ILLINOISCAPACITOR-227TMA160M Datasheet
261Kb / 3P
   Extended Life - High voltage
227TMA160M ILLINOISCAPACITOR-227TMA160M Datasheet
113Kb / 1P
   AXIAL LEAD
More results

Similar Description - 227TMA160M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
logo
Illinois Capacitor, Inc...
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
   125째C Axial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com